Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBD52UD6ADSA-E Datasheet(PDF) 5 Page - Elpida Memory

Part No. EBD52UD6ADSA-E
Description  512MB DDR SDRAM SO-DIMM (64M words x 64 bits, 2 Ranks)
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ELPIDA [Elpida Memory]
Homepage  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD52UD6ADSA-E Datasheet(HTML) 5 Page - Elpida Memory

  EBD52UD6ADSA-E Datasheet HTML 1Page - Elpida Memory EBD52UD6ADSA-E Datasheet HTML 2Page - Elpida Memory EBD52UD6ADSA-E Datasheet HTML 3Page - Elpida Memory EBD52UD6ADSA-E Datasheet HTML 4Page - Elpida Memory EBD52UD6ADSA-E Datasheet HTML 5Page - Elpida Memory EBD52UD6ADSA-E Datasheet HTML 6Page - Elpida Memory EBD52UD6ADSA-E Datasheet HTML 7Page - Elpida Memory EBD52UD6ADSA-E Datasheet HTML 8Page - Elpida Memory EBD52UD6ADSA-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
EBD52UD6ADSA-E
Data Sheet E0604E10 (Ver. 1.0)
5
Serial PD Matrix
Byte No. Function described
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value
Comments
0
Number of bytes utilized by module
manufacturer
1
0
0
0
0
0
0
0
80H
128 bytes
1
Total number of bytes in serial PD
device
0
0
0
0
1
0
0
0
08H
256 bytes
2
Memory type
0
0
0
0
0
1
1
1
07H
DDR SDRAM
3
Number of row address
0
0
0
0
1
1
0
1
0DH
13
4
Number of column address
0
0
0
0
1
0
1
0
0AH
10
5
Number of DIMM ranks
0
0
0
0
0
0
1
0
02H
2
6
Module data width
0
1
0
0
0
0
0
0
40H
64 bits
7
Module data width continuation
0
0
0
0
0
0
0
0
00H
0
8
Voltage interface level of this assembly 0
0
0
0
0
1
0
0
04H
SSTL2
9
DDR SDRAM cycle time, CL = X
-6B
0
1
1
0
0
0
0
0
60H
CL = 2.5*
1
-7A, -7B
0
1
1
1
0
1
0
1
75H
10
SDRAM access from clock (tAC)
-6B
0
1
1
1
0
0
0
0
70H
0.7ns
*1
-7A, -7B
0
1
1
1
0
1
0
1
75H
0.75ns
*1
11
DIMM configuration type
0
0
0
0
0
0
0
0
00H
None
12
Refresh rate/type
1
0
0
0
0
0
1
0
82H
7.8
µs
Self refresh
13
Primary SDRAM width
0
0
0
1
0
0
0
0
10H
× 16
14
Error checking SDRAM width
0
0
0
0
0
0
0
0
00H
Not used
15
SDRAM device attributes:
Minimum clock delay back-to-back
column access
0
0
0
0
0
0
0
1
01H
1 CLK
16
SDRAM device attributes:
Burst length supported
0
0
0
0
1
1
1
0
0EH
2,4,8
17
SDRAM device attributes: Number of
banks on SDRAM device
0
0
0
0
0
1
0
0
04H
4
18
SDRAM device attributes: /CAS latency 0
0
0
0
1
1
0
0
0CH
2, 2.5
19
SDRAM device attributes: /CS latency
0
0
0
0
0
0
0
1
01H
0
20
SDRAM device attributes: /WE latency
0
0
0
0
0
0
1
0
02H
1
21
SDRAM module attributes
0
0
1
0
0
0
0
0
20H
Unbuffered
22
SDRAM device attributes: General
1
1
0
0
0
0
0
0
C0H
VDD ± 0.2V
23
Minimum clock cycle time at
CL = X –0.5
-6B, -7A
0
1
1
1
0
1
0
1
75H
CL = 2*
1
-7B
1
0
1
0
0
0
0
0
A0H
24
Maximum data access time (tAC) from
clock at CL = X –0.5
-6B
0
1
1
1
0
0
0
0
70H
0.7ns
*1
-7A, -7B
0
1
1
1
0
1
0
1
75H
0.75ns*
1
25 to 26
0
0
0
0
0
0
0
0
00H
27
Minimum row precharge time (tRP)
-6B
0
1
0
0
1
0
0
0
48H
18ns
-7A, -7B
0
1
0
1
0
0
0
0
50H
20ns
28
Minimum row active to row active delay
(tRRD)
-6B
0
0
1
1
0
0
0
0
30H
12ns
-7A, -7B
0
0
1
1
1
1
0
0
3CH
15ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn