Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBD51RC4AKFA Datasheet(PDF) 18 Page - Elpida Memory

Part No. EBD51RC4AKFA
Description  512MB Registered DDR SDRAM DIMM (64M words X 72 bits, 1 Rank)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD51RC4AKFA Datasheet(HTML) 18 Page - Elpida Memory

Back Button EBD51RC4AKFA Datasheet HTML 11Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 12Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 13Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 14Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 15Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 16Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 17Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 18Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 19Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
EBD51RC4AKFA
Data Sheet E0377E20 (Ver. 2.0)
18
CAUTION FOR HANDLING MEMORY MODULES
When handling or inserting memory modules, be sure not to touch any components on the modules, such as
the memory ICs, chip capacitors and chip resistors. It is necessary to avoid undue mechanical stress on
these components to prevent damaging them.
In particular, do not push module cover or drop the modules in order to protect from mechanical defects,
which would be electrical defects.
When re-packing memory modules, be sure the modules are not touching each other.
Modules in contact with other modules may cause excessive mechanical stress, which may damage the
modules.
MDE0202
NOTES FOR CMOS DEVICES
1
PRECAUTION AGAINST ESD FOR MOS DEVICES
Exposing the MOS devices to a strong electric field can cause destruction of the gate
oxide and ultimately degrade the MOS devices operation. Steps must be taken to stop
generation of static electricity as much as possible, and quickly dissipate it, when once
it has occurred. Environmental control must be adequate. When it is dry, humidifier
should be used. It is recommended to avoid using insulators that easily build static
electricity. MOS devices must be stored and transported in an anti-static container,
static shielding bag or conductive material. All test and measurement tools including
work bench and floor should be grounded. The operator should be grounded using
wrist strap. MOS devices must not be touched with bare hands. Similar precautions
need to be taken for PW boards with semiconductor MOS devices on it.
2
HANDLING OF UNUSED INPUT PINS FOR CMOS DEVICES
No connection for CMOS devices input pins can be a cause of malfunction. If no
connection is provided to the input pins, it is possible that an internal input level may be
generated due to noise, etc., hence causing malfunction. CMOS devices behave
differently than Bipolar or NMOS devices. Input levels of CMOS devices must be fixed
high or low by using a pull-up or pull-down circuitry. Each unused pin should be connected
to VDD or GND with a resistor, if it is considered to have a possibility of being an output
pin. The unused pins must be handled in accordance with the related specifications.
3
STATUS BEFORE INITIALIZATION OF MOS DEVICES
Power-on does not necessarily define initial status of MOS devices. Production process
of MOS does not define the initial operation status of the device. Immediately after the
power source is turned ON, the MOS devices with reset function have not yet been
initialized. Hence, power-on does not guarantee output pin levels, I/O settings or
contents of registers. MOS devices are not initialized until the reset signal is received.
Reset operation must be executed immediately after power-on for MOS devices having
reset function.
CME0107


Similar Part No. - EBD51RC4AKFA

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EBD51RC4AKFA-6B-E ELPIDA-EBD51RC4AKFA-6B-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBD51RC4AKFA-7A-E ELPIDA-EBD51RC4AKFA-7A-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBD51RC4AKFA-7B-E ELPIDA-EBD51RC4AKFA-7B-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBD51RC4AKFA-E ELPIDA-EBD51RC4AKFA-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results

Similar Description - EBD51RC4AKFA

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EBD51RC4AKFA-E ELPIDA-EBD51RC4AKFA-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA ELPIDA-EBE51RD8AEFA Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8ABFA ELPIDA-EBE51RD8ABFA Datasheet
174Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AGFA ELPIDA-EBE51RD8AGFA Datasheet
198Kb / 23P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8ABFA ELPIDA-EBE51ED8ABFA Datasheet
168Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AGFA ELPIDA-EBE51ED8AGFA Datasheet
194Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA-6 ELPIDA-EBE51ED8AEFA-6 Datasheet
194Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA ELPIDA-EBE51ED8AEFA Datasheet
186Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51UD8ABFA ELPIDA-EBE51UD8ABFA Datasheet
206Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA-6 ELPIDA-EBE51UD8AEFA-6 Datasheet
229Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz