Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBD51RC4AKFA Datasheet(PDF) 16 Page - Elpida Memory

Part No. EBD51RC4AKFA
Description  512MB Registered DDR SDRAM DIMM (64M words X 72 bits, 1 Rank)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD51RC4AKFA Datasheet(HTML) 16 Page - Elpida Memory

Back Button EBD51RC4AKFA Datasheet HTML 11Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 12Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 13Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 14Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 15Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 16Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 17Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 18Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 19Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
EBD51RC4AKFA
Data Sheet E0377E20 (Ver. 2.0)
16
VDD (power supply pins)
2.5V is applied. (VDD is for the internal circuit.)
VDDSPD (power supply pin)
2.5V is applied (For serial EEPROM).
VSS (power supply pin)
Ground is connected.
/RESET (input pin)
LVCMOS reset input. When /RESET is low, all registers are reset and all outputs are low.
Detailed Operation Part and Timing Waveforms
Refer to the EDD2504AKTA datasheet (E0457E). DM pins of component device fixed to VSS level on the module
board. DIMM /CAS latency = component CL + 1 for registered type.


Similar Part No. - EBD51RC4AKFA

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EBD51RC4AKFA-6B-E ELPIDA-EBD51RC4AKFA-6B-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBD51RC4AKFA-7A-E ELPIDA-EBD51RC4AKFA-7A-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBD51RC4AKFA-7B-E ELPIDA-EBD51RC4AKFA-7B-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBD51RC4AKFA-E ELPIDA-EBD51RC4AKFA-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results

Similar Description - EBD51RC4AKFA

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EBD51RC4AKFA-E ELPIDA-EBD51RC4AKFA-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA ELPIDA-EBE51RD8AEFA Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8ABFA ELPIDA-EBE51RD8ABFA Datasheet
174Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AGFA ELPIDA-EBE51RD8AGFA Datasheet
198Kb / 23P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8ABFA ELPIDA-EBE51ED8ABFA Datasheet
168Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AGFA ELPIDA-EBE51ED8AGFA Datasheet
194Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA-6 ELPIDA-EBE51ED8AEFA-6 Datasheet
194Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA ELPIDA-EBE51ED8AEFA Datasheet
186Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51UD8ABFA ELPIDA-EBE51UD8ABFA Datasheet
206Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA-6 ELPIDA-EBE51UD8AEFA-6 Datasheet
229Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz