Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBD51RC4AKFA Datasheet(PDF) 14 Page - Elpida Memory

Part # EBD51RC4AKFA
Description  512MB Registered DDR SDRAM DIMM (64M words X 72 bits, 1 Rank)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD51RC4AKFA Datasheet(HTML) 14 Page - Elpida Memory

Back Button EBD51RC4AKFA Datasheet HTML 10Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 11Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 12Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 13Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 14Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 15Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 16Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 17Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 18Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
EBD51RC4AKFA
Data Sheet E0377E20 (Ver. 2.0)
14
Timing Parameter Measured in Clock Cycle for Registered DIMM
Number of clock cycle
tCK
6ns
7.5ns
Parameter
Symbol
min.
max.
min.
max.
Unit
Write to pre-charge command delay
(same bank)
tWPD
4 + BL/2
3 + BL/2
tCK
Read to pre-charge command delay
(same bank)
tRPD
BL/2
BL/2
tCK
Write to read command delay (to input
all data)
tWRD
2 + BL/2
2 + BL/2
tCK
Burst stop command to write command
delay
(CL = 3)
tBSTW
2
tCK
(CL = 3.5)
tBSTW
3
3
tCK
Burst stop command to DQ High-Z
(CL = 3)
tBSTZ
3
3
tCK
(CL = 3.5)
tBSTZ
3.5
3.5
3.5
3.5
tCK
Read command to write command
delay (to output all data)
(CL = 3)
tRWD
2 + BL/2
tCK
(CL = 3.5)
tRWD
3 + BL/2
3 + BL/2
tCK
Pre-charge command to High-Z
(CL = 3)
tHZP
3
3
tCK
(CL = 3.5)
tHZP
3.5
3.5
3.5
3.5
tCK
Write command to data in latency
tWCD
2
2
2
2
tCK
Write recovery
tWR
2
1
tCK
Register set command to active or
register set command
tMRD
2
2
tCK
Self refresh exit to non-read command tSNR
12
10
tCK
Self refresh exit to read command
tSRD
200
200
tCK
Power down entry
tPDEN
1
1
1
1
tCK
Power down exit to command input
tPDEX
1
1
tCK


Similar Part No. - EBD51RC4AKFA

ManufacturerPart #DatasheetDescription
Elpida Memory
Elpida Memory
EBD51RC4AKFA-6B-E ELPIDA-EBD51RC4AKFA-6B-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBD51RC4AKFA-7A-E ELPIDA-EBD51RC4AKFA-7A-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBD51RC4AKFA-7B-E ELPIDA-EBD51RC4AKFA-7B-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBD51RC4AKFA-E ELPIDA-EBD51RC4AKFA-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results

Similar Description - EBD51RC4AKFA

ManufacturerPart #DatasheetDescription
Elpida Memory
Elpida Memory
EBD51RC4AKFA-E ELPIDA-EBD51RC4AKFA-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA ELPIDA-EBE51RD8AEFA Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8ABFA ELPIDA-EBE51RD8ABFA Datasheet
174Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AGFA ELPIDA-EBE51RD8AGFA Datasheet
198Kb / 23P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8ABFA ELPIDA-EBE51ED8ABFA Datasheet
168Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AGFA ELPIDA-EBE51ED8AGFA Datasheet
194Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA-6 ELPIDA-EBE51ED8AEFA-6 Datasheet
194Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA ELPIDA-EBE51ED8AEFA Datasheet
186Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51UD8ABFA ELPIDA-EBE51UD8ABFA Datasheet
206Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA-6 ELPIDA-EBE51UD8AEFA-6 Datasheet
229Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com