Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBD51RC4AKFA Datasheet(PDF) 13 Page - Elpida Memory

Part # EBD51RC4AKFA
Description  512MB Registered DDR SDRAM DIMM (64M words X 72 bits, 1 Rank)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD51RC4AKFA Datasheet(HTML) 13 Page - Elpida Memory

Back Button EBD51RC4AKFA Datasheet HTML 9Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 10Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 11Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 12Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 13Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 14Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 15Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 16Page - Elpida Memory EBD51RC4AKFA Datasheet HTML 17Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
EBD51RC4AKFA
Data Sheet E0377E20 (Ver. 2.0)
13
-6B
-7A
-7B
Parameter
Symbol min.
max.
min.
max.
min.
max.
Unit Notes
Address and control input pulse width tIPW
2.2
2.2
2.2
ns
7
Mode register set command cycle time tMRD
2
2
2
tCK
Active to Precharge command period
tRAS
42
120000 45
120000 45
120000 ns
Active to Active/Auto refresh command
period
tRC
60
65
65
ns
Auto refresh to Active/Auto refresh
command period
tRFC
72
75
75
ns
Active to Read/Write delay
tRCD
18
20
20
ns
Precharge to active command period
tRP
18
20
20
ns
Active to auto precharge delay
tRAP
tRCD min. —
tRCD min. —
tRCD min. —
ns
Active to active command period
tRRD
12
15
15
ns
Write recovery time
tWR
15
15
15
ns
Auto precharge write recovery and
precharge time
tDAL
(tWR/tCK)+
(tRP/tCK)
(tWR/tCK)+
(tRP/tCK)
(tWR/tCK)+
(tRP/tCK)
tCK 13
Internal write to Read command delay tWTR
1
1
1
tCK
Average periodic refresh interval
tREF
7.8
7.8
7.8
µs
Notes: 1. All the AC parameters listed in this data sheet is component specifications. For AC testing conditions,
refer to the corresponding component data sheet.
2. This parameter defines the signal transition delay from the cross point of CK and /CK. The signal
transition is defined to occur when the signal level crossing VTT.
3. The timing reference level is VTT.
4. Output valid window is defined to be the period between two successive transition of data out or DQS
(read) signals. The signal transition is defined to occur when the signal level crossing VTT.
5. tHZ is defined as DOUT transition delay from Low-Z to High-Z at the end of read burst operation. The
timing reference is cross point of CK and /CK. This parameter is not referred to a specific DOUT voltage
level, but specify when the device output stops driving.
6. tLZ is defined as DOUT transition delay from High-Z to Low-Z at the beginning of read operation. This
parameter is not referred to a specific DOUT voltage level, but specify when the device output begins
driving.
7. Input valid windows is defined to be the period between two successive transition of data input or DQS
(write) signals. The signal transition is defined to occur when the signal level crossing VREF.
8. The timing reference level is VREF.
9. The transition from Low-Z to High-Z is defined to occur when the device output stops driving. A specific
reference voltage to judge this transition is not given.
10. tCK (max.) is determined by the lock range of the DLL. Beyond this lock range, the DLL operation is not
assured.
11. tCK = tCK (min.) when these parameters are measured. Otherwise, absolute minimum values of these
values are 10% of tCK.
12. VDD is assumed to be 2.5V ± 0.2V. VDD power supply variation per cycle expected to be less than
0.4V/400 cycle.
13. tDAL = (tWR/tCK)+(tRP/tCK)
For each of the terms above, if not already an integer, round to the next highest integer.
Example: For –7A Speed at CL = 2.5, tCK = 7.5ns, tWR = 15ns and tRP= 20ns,
tDAL = (15ns/7.5ns) + (20ns/7.5ns) = (2) + (3)
tDAL = 5 clocks


Similar Part No. - EBD51RC4AKFA

ManufacturerPart #DatasheetDescription
Elpida Memory
Elpida Memory
EBD51RC4AKFA-6B-E ELPIDA-EBD51RC4AKFA-6B-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBD51RC4AKFA-7A-E ELPIDA-EBD51RC4AKFA-7A-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBD51RC4AKFA-7B-E ELPIDA-EBD51RC4AKFA-7B-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBD51RC4AKFA-E ELPIDA-EBD51RC4AKFA-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results

Similar Description - EBD51RC4AKFA

ManufacturerPart #DatasheetDescription
Elpida Memory
Elpida Memory
EBD51RC4AKFA-E ELPIDA-EBD51RC4AKFA-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AEFA ELPIDA-EBE51RD8AEFA Datasheet
190Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8ABFA ELPIDA-EBE51RD8ABFA Datasheet
174Kb / 22P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51RD8AGFA ELPIDA-EBE51RD8AGFA Datasheet
198Kb / 23P
   512MB Registered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8ABFA ELPIDA-EBE51ED8ABFA Datasheet
168Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AGFA ELPIDA-EBE51ED8AGFA Datasheet
194Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA-6 ELPIDA-EBE51ED8AEFA-6 Datasheet
194Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8AEFA ELPIDA-EBE51ED8AEFA Datasheet
186Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51UD8ABFA ELPIDA-EBE51UD8ABFA Datasheet
206Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA-6 ELPIDA-EBE51UD8AEFA-6 Datasheet
229Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com