Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBD26UC6AKSA-E Datasheet(PDF) 8 Page - Elpida Memory

Part No. EBD26UC6AKSA-E
Description  256MB DDR SDRAM SO-DIMM (32M words x 64 bits, 2 Ranks)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD26UC6AKSA-E Datasheet(HTML) 8 Page - Elpida Memory

Back Button EBD26UC6AKSA-E Datasheet HTML 4Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 5Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 6Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 7Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 8Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 9Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 10Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 11Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
EBD26UC6AKSA-E
Preliminary Data Sheet E0605E10 (Ver. 1.0)
8
Block Diagram
DM0
SDRAMs (D0 to D7)
SDRAMs (D0 to D7)
BA0 to BA1
SDRAMs (D0 to D7)
CKE0
SDRAMs (D0 to D3)
CKE1
SDRAMs (D4 to D7)
VDDSPD
SPD
VREF
SDRAMs (D0 to D7)
VDD
SDRAMs (D0 to D7),
and
VSS
VDDID
VDD
VDDQ
Open
SDRAMs (D0 to D7), SPD
Serial PD
SDA
A0
A1
A2
WP
SCL
SA0
SA1
SA2
U0
SDA
SCL
Notes :
1. DQ wiring may differ from that described
in this drawing; however DQ/DM/DQS
relationships are maintained as shown.
VDDID strap connections:
(for memory device VDD, VDDQ)
Strap out (open): VDD = VDDQ
Strap in (closed): VDD
≠ VDDQ
2. The SDA pull-up registor is reguired due to
the open-drain/open-collector output.
3. The SCL pull-up registor is recommended,
because of the normal SCL lime inactive
"high" state.
DQS0
DQ0 to DQ7
8
D0
/RAS
/CAS
/WE
A0 to AN
SDRAMs (D0 to D7)
SDRAMs (D0 to D7)
4 loads
CK0
/CK0
4 loads
CK1
/CK1
10 pF
CK2
/CK2
/CS0
/CS1
/CS
D2
/CS
LDQS
LDM
I/O0 to I/O7
* D0 to D7 : 256M bits DDR SDRAM
U0 : 2k bits EEPROM
Rs : 22
RS
RS
RS
DM1
DQS1
DQ8 to DQ15
8
UDQS
UDM
I/O8 to I/O15
RS
RS
RS
DM4
DQS4
DQ32 to DQ39
8
RS
RS
RS
DM5
DQS5
DQ40 to DQ47
8
RS
RS
RS
LDQS
LDM
I/O0 to I/O7
UDQS
UDM
I/O8 to I/O15
DM2
DQS2
DQ16 to DQ23
8
D1
/CS
D3
/CS
LDQS
LDM
I/O0 to I/O7
RS
RS
RS
DM3
DQS3
DQ24 to DQ31
8
UDQS
UDM
I/O8 to I/O15
D4
/CS
LDQS
LDM
I/O0 to I/O7
UDQS
UDM
I/O8 to I/O15
D5
/CS
LDQS
LDM
I/O0 to I/O7
UDQS
UDM
I/O8 to I/O15
RS
RS
RS
DM6
DQS6
DQ48 to DQ55
8
RS
RS
RS
DM7
DQS7
DQ56 to DQ63
8
RS
RS
RS
LDQS
LDM
I/O0 to I/O7
UDQS
UDM
I/O8 to I/O15
D6
/CS
LDQS
LDM
I/O0 to I/O7
UDQS
UDM
I/O8 to I/O15
D7
/CS
LDQS
LDM
I/O0 to I/O7
UDQS
UDM
I/O8 to I/O15


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn