Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBD26UC6AKSA-E Datasheet(PDF) 7 Page - Elpida Memory

Part No. EBD26UC6AKSA-E
Description  256MB DDR SDRAM SO-DIMM (32M words x 64 bits, 2 Ranks)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD26UC6AKSA-E Datasheet(HTML) 7 Page - Elpida Memory

Back Button EBD26UC6AKSA-E Datasheet HTML 3Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 4Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 5Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 6Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 7Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 8Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 9Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 10Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 11Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
EBD26UC6AKSA-E
Preliminary Data Sheet E0605E10 (Ver. 1.0)
7
Byte No. Function described
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value
Comments
76
Module part number
0
0
1
1
0
0
1
0
32H
2
77
Module part number
0
0
1
1
0
1
1
0
36H
6
78
Module part number
0
1
0
1
0
1
0
1
55H
U
79
Module part number
0
1
0
0
0
0
1
1
43H
C
80
Module part number
0
0
1
1
0
1
1
0
36H
6
81
Module part number
0
1
0
0
0
0
0
1
41H
A
82
Module part number
0
1
0
0
1
0
1
1
4BH
K
83
Module part number
0
1
0
1
0
0
1
1
53H
S
84
Module part number
0
1
0
0
0
0
0
1
41H
A
85
Module part number
0
0
1
0
1
1
0
1
2DH
86
Module part number
-6B
0
0
1
1
0
1
1
0
36H
6
-7A, -7B
0
0
1
1
0
1
1
1
37H
7
87
Module part number
-6B, -7B
0
1
0
0
0
0
1
0
42H
B
-7A
0
1
0
0
0
0
0
1
41H
A
88
Module part number
0
0
1
0
1
1
0
1
2DH
89
Module part number
0
1
0
0
0
1
0
1
45H
E
90
Module part number
0
0
1
0
0
0
0
0
20H
(Space)
91
Revision code
0
0
1
1
0
0
0
0
30H
Initial
92
Revision code
0
0
1
0
0
0
0
0
20H
(Space)
93
Manufacturing date
×
×
×
×
×
×
×
×
××
Year code
(HEX)
94
Manufacturing date
×
×
×
×
×
×
×
×
××
Week code
(HEX)
95 to 98 Module serial number
99 to 127 Manufacture specific data
Note:
1. These specifications are defined based on component specification, not module.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn