Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBD26UC6AKSA-E Datasheet(PDF) 6 Page - Elpida Memory

Part No. EBD26UC6AKSA-E
Description  256MB DDR SDRAM SO-DIMM (32M words x 64 bits, 2 Ranks)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD26UC6AKSA-E Datasheet(HTML) 6 Page - Elpida Memory

Back Button EBD26UC6AKSA-E Datasheet HTML 2Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 3Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 4Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 5Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 6Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 7Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 8Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 9Page - Elpida Memory EBD26UC6AKSA-E Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
EBD26UC6AKSA-E
Preliminary Data Sheet E0605E10 (Ver. 1.0)
6
Byte No. Function described
Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value
Comments
29
Minimum /RAS to /CAS delay (tRCD)
-6B
0
1
0
0
1
0
0
0
48H
18ns
-7A, -7B
0
1
0
1
0
0
0
0
50H
20ns
30
Minimum active to precharge time
(tRAS)
-6B
0
0
1
0
1
0
1
0
2AH
42ns
-7A, -7B
0
0
1
0
1
1
0
1
2DH
45ns
31
Module rank density
0
0
0
0
0
0
1
0
20H
128M bytes
32
Address and command setup time
before clock (tIS)
-6B
0
1
1
1
0
1
0
1
75H
0.75ns
*1
-7A, -7B
1
0
0
1
0
0
0
0
90H
0.9ns
*1
33
Address and command hold time after
clock (tIH)
-6B
0
1
1
1
0
1
0
1
75H
0.75ns
*1
-7A, -7B
1
0
0
1
0
0
0
0
90H
0.9ns
*1
34
Data input setup time before clock (tDS)
-6B
0
1
0
0
0
1
0
1
45H
0.45ns
*1
-7A, -7B
0
1
0
1
0
0
0
0
50H
0.5ns
*1
35
Data input hold time after clock (tDH)
-6B
0
1
0
0
0
1
0
1
45H
0.45ns
*1
-7A, -7B
0
1
0
1
0
0
0
0
50H
0.5ns
*1
36 to 40 Superset information
0
0
0
0
0
0
0
0
00H
Future use
41
Active command period (tRC)
-6B
0
0
1
1
1
1
0
0
3CH
60ns
*1
-7A, -7B
0
1
0
0
0
1
0
0
44H
68ns
*1
42
Auto refresh to active/
Auto refresh command cycle (tRFC)
-6B
0
1
0
0
1
0
0
0
48H
72ns
*1
-7A, -7B
0
1
0
0
1
0
1
1
4BH
75ns
*1
43
SDRAM tCK cycle max. (tCK max.)
0
0
1
1
0
0
0
0
30H
12ns*
1
44
Dout to DQS skew
-6B
0
0
1
0
1
1
0
1
2DH
0.45ns
*1
-7A, -7B
0
0
1
1
0
0
1
0
32H
0.5ns
*1
45
Data hold skew (tQHS)
-6B
0
1
0
1
0
1
0
1
55H
0.55ns
*1
-7A, -7B
0
1
1
1
0
1
0
1
75H
0.75ns
*1
46 to 61 Superset information
0
0
0
0
0
0
0
0
00H
Future use
62
SPD Revision
0
0
0
0
0
0
0
0
00H
63
Checksum for bytes 0 to 62
-6B
1
1
1
0
1
0
0
0
E8H
-7A
1
0
1
0
0
0
1
0
A2H
-7B
1
1
0
0
1
1
0
1
CDH
64 to 65 Manufacturer’s JEDEC ID code
0
1
1
1
1
1
1
1
7FH
Continuation
code
66
Manufacturer’s JEDEC ID code
1
1
1
1
1
1
1
0
FEH
Elpida Memory
67 to 71 Manufacturer’s JEDEC ID code
0
0
0
0
0
0
0
0
00H
72
Manufacturing location
×
×
×
×
×
×
×
×
××
(ASCII-8bit
code)
73
Module part number
0
1
0
0
0
1
0
1
45H
E
74
Module part number
0
1
0
0
0
0
1
0
42H
B
75
Module part number
0
1
0
0
0
1
0
0
44H
D


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn