Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBD26UC6AKSA Datasheet(PDF) 2 Page - Elpida Memory

Part No. EBD26UC6AKSA
Description  256MB DDR SDRAM SO DIMM (32M words x 64 bits, 2 Banks)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD26UC6AKSA Datasheet(HTML) 2 Page - Elpida Memory

  EBD26UC6AKSA Datasheet HTML 1Page - Elpida Memory EBD26UC6AKSA Datasheet HTML 2Page - Elpida Memory EBD26UC6AKSA Datasheet HTML 3Page - Elpida Memory EBD26UC6AKSA Datasheet HTML 4Page - Elpida Memory EBD26UC6AKSA Datasheet HTML 5Page - Elpida Memory EBD26UC6AKSA Datasheet HTML 6Page - Elpida Memory EBD26UC6AKSA Datasheet HTML 7Page - Elpida Memory EBD26UC6AKSA Datasheet HTML 8Page - Elpida Memory EBD26UC6AKSA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
EBD26UC6AKSA
Preliminary Data Sheet E0307E20 (Ver. 2.0)
2
Ordering Information
Part number
Data rate
Mbps (max.)
Component
JEDEC speed bin
(CL-tRCD-tRP)
Package
Contact
pad
Mounted devices
EBD26UC6AKSA-6B
333
DDR333B (2.5-3-3)
200-pin SO DIMM Gold
EDD2516AKTA-6B
EBD26UC6AKSA-7A
266
DDR266A (2-3-3)
EDD2516AKTA-6B, -7A
EBD26UC6AKSA-7B
266
DDR266B (2.5-3-3)
EDD2516AKTA-6B, -7A, -7B
Pin Configurations
1 pin
2 pin
Front side
Back side
39 pin
40 pin
41 pin
42 pin
199 pin
200 pin
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
1
VREF
51
VSS
2
VREF
52
VSS
3
VSS
53
DQ19
4
VSS
54
DQ23
5
DQ0
55
DQ24
6
DQ4
56
DQ28
7
DQ1
57
VDD
8
DQ5
58
VDD
9
VDD
59
DQ25
10
VDD
60
DQ29
11
DQS0
61
DQS3
12
DM0
62
DM3
13
DQ2
63
VSS
14
DQ6
64
VSS
15
VSS
65
DQ26
16
VSS
66
DQ30
17
DQ3
67
DQ27
18
DQ7
68
DQ31
19
DQ8
69
VDD
20
DQ12
70
VDD
21
VDD
71
NC
22
VDD
72
NC
23
DQ9
73
NC
24
DQ13
74
NC
25
DQS1
75
VSS
26
DM1
76
VSS
27
VSS
77
NC
28
VSS
78
NC
29
DQ10
79
NC
30
DQ14
80
NC
31
DQ11
81
VDD
32
DQ15
82
VDD
33
VDD
83
NC
34
VDD
84
NC
35
CK0
85
NC
36
VDD
86
NC
37
/CK0
87
VSS
38
VSS
88
VSS
39
VSS
89
CK2
40
VSS
90
VSS
41
DQ16
91
/CK2
42
DQ20
92
VDD
43
DQ17
93
VDD
44
DQ21
94
VDD
45
VDD
95
CKE1
46
VDD
96
CKE0
47
DQS2
97
NC
48
DM2
98
NC
49
DQ18
99
A12
50
DQ22
100
A11
101
A9
151
DQ42
102
A8
152
DQ46
103
VSS
153
DQ43
104
VSS
154
DQ47
105
A7
155
VDD
106
A6
156
VDD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn