Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBD26UC6AKSA Datasheet(PDF) 1 Page - Elpida Memory

Part No. EBD26UC6AKSA
Description  256MB DDR SDRAM SO DIMM (32M words x 64 bits, 2 Banks)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD26UC6AKSA Datasheet(HTML) 1 Page - Elpida Memory

  EBD26UC6AKSA Datasheet HTML 1Page - Elpida Memory EBD26UC6AKSA Datasheet HTML 2Page - Elpida Memory EBD26UC6AKSA Datasheet HTML 3Page - Elpida Memory EBD26UC6AKSA Datasheet HTML 4Page - Elpida Memory EBD26UC6AKSA Datasheet HTML 5Page - Elpida Memory EBD26UC6AKSA Datasheet HTML 6Page - Elpida Memory EBD26UC6AKSA Datasheet HTML 7Page - Elpida Memory EBD26UC6AKSA Datasheet HTML 8Page - Elpida Memory EBD26UC6AKSA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Document No. E0307E20 (Ver. 2.0)
Date Published November 2002 (K) Japan
URL: http://www.elpida.com
Elpida Memory , Inc. 2002
PRELIMINARY DATA SHEET
256MB DDR SDRAM SO DIMM
EBD26UC6AKSA (32M words
×××× 64 bits, 2 Banks)
Description
The EBD26UC6AKSA is 32M words
× 64 bits, 2 banks
Double Data Rate (DDR) SDRAM Small Outline Dual
In-line Memory Module, mounted 8 pieces of 256M bits
DDR SDRAM sealed in TSOP package. Read and
write operations are performed at the cross points of
the CK and the /CK. This high-speed data transfer is
realized by the 2 bits prefetch-pipelined architecture.
Data strobe (DQS) both for read and write are available
for high speed and reliable data bus design. By setting
extended mode register, the on-chip Delay Locked
Loop (DLL) can be set enable or disable. This module
provides high density mounting without utilizing surface
mount technology. Decoupling capacitors are mounted
beside each TSOP on the module board.
Features
• 200-pin socket type small outline dual in line memory
module (SO DIMM)
 PCB height: 31.75mm
 Lead pitch: 0.6mm
• 2.5V power supply
• Data rate: 333Mbps/266Mbps (max.)
• 2.5 V (SSTL_2 compatible) I/O
• Double Data Rate architecture; two data transfers per
clock cycle
• Bi-directional, data strobe (DQS) is transmitted
/received with data, to be used in capturing data at
the receiver
• Data inputs, outputs and DM are synchronized with
DQS
• 4 internal banks for concurrent operation
(Component)
• DQS is edge aligned with data for READs; center
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
referenced to both edges of DQS
• Data mask (DM) for write data
• Auto precharge option for each burst access
• Programmable burst length: 2, 4, 8
• Programmable /CAS latency (CL): 2, 2.5
• Refresh cycles: (8192 refresh cycles /64ms)
 7.8µs maximum average periodic refresh interval
• 2 variations of refresh
 Auto refresh
 Self refresh


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn