Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBD25UC8AKFA-5-E Datasheet(PDF) 15 Page - Elpida Memory

Part No. EBD25UC8AKFA-5-E
Description  256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD25UC8AKFA-5-E Datasheet(HTML) 15 Page - Elpida Memory

Back Button EBD25UC8AKFA-5-E Datasheet HTML 11Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 12Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 13Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 14Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 15Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 16Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 17Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 18Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 19Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
EBD25UC8AKFA-5-E
Preliminary Data Sheet E0602E10 (Ver. 1.0)
15
Pin Functions
CK, /CK (input pin)
The CK and the /CK are the master clock inputs. All inputs except DMs, DQSs and DQs are referred to the cross
point of the CK rising edge and the VREF level. When a read operation, DQSs and DQs are referred to the cross
point of the CK and the /CK. When a write operation, DMs and DQs are referred to the cross point of the DQS and
the VREF level. DQSs for write operation are referred to the cross point of the CK and the /CK.
/CS (input pin)
When /CS is low, commands and data can be input. When /CS is high, all inputs are ignored. However, internal
operations (bank active, burst operations, etc.) are held.
/RAS, /CAS, and /WE (input pins)
These pins define operating commands (read, write, etc.) depending on the combinations of their voltage levels.
See "Command operation".
A0 to A12 (input pins)
Row address (AX0 to AX12) is determined by the A0 to the A12 level at the cross point of the CK rising edge and the
VREF level in a bank active command cycle. Column address (AY0 to AY9) is loaded via the A0 to the A9 at the
cross point of the CK rising edge and the VREF level in a read or a write command cycle. This column address
becomes the starting address of a burst operation.
A10 (AP) (input pin)
A10 defines the precharge mode when a precharge command, a read command or a write command is issued. If
A10 = high when a precharge command is issued, all banks are precharged. If A10 = low when a precharge
command is issued, only the bank that is selected by BA1, BA0 is precharged. If A10 = high when read or write
command, auto-precharge function is enabled. While A10 = low, auto-precharge function is disabled.
BA0, BA1 (input pin)
BA0, BA1 are bank select signals (BA). The memory array is divided into bank 0, bank 1, bank 2 and bank 3. (See
Bank Select Signal Table)
[Bank Select Signal Table]
BA0
BA1
Bank 0
L
L
Bank 1
H
L
Bank 2
L
H
Bank 3
H
H
Remark: H: VIH. L: VIL.
CKE (input pin)
CKE controls power down and self-refresh. The power down and the self-refresh commands are entered when the
CKE is driven low and exited when it resumes to high.
The CKE level must be kept for 1 CK cycle at least, that is, if CKE changes at the cross point of the CK rising edge
and the VREF level with proper setup time tIS, at the next CK rising edge CKE level must be kept with proper hold
time tIH.
DQ (input and output pins)
Data are input to and output from these pins.
DQS (input and output pin)
DQS provide the read data strobes (as output) and the write data strobes (as input).


Similar Part No. - EBD25UC8AKFA-5-E

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EBD25UC8AKFA-5 ELPIDA-EBD25UC8AKFA-5 Datasheet
152Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
EBD25UC8AKFA-5B ELPIDA-EBD25UC8AKFA-5B Datasheet
152Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
EBD25UC8AKFA-5C ELPIDA-EBD25UC8AKFA-5C Datasheet
152Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
More results

Similar Description - EBD25UC8AKFA-5-E

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EBD25UC8AKFA-5 ELPIDA-EBD25UC8AKFA-5 Datasheet
152Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
EBD25EC8AKFA-5 ELPIDA-EBD25EC8AKFA-5 Datasheet
180Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X72 bits, 1 Rank)
EBD26UC6AKSA ELPIDA-EBD26UC6AKSA Datasheet
204Kb / 19P
   256MB DDR SDRAM SO DIMM (32M words x 64 bits, 2 Banks)
EBD26UC6AKSA-E ELPIDA-EBD26UC6AKSA-E Datasheet
213Kb / 19P
   256MB DDR SDRAM SO-DIMM (32M words x 64 bits, 2 Ranks)
EBE51UD8ABFA ELPIDA-EBE51UD8ABFA Datasheet
206Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA-6 ELPIDA-EBE51UD8AEFA-6 Datasheet
229Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA ELPIDA-EBE51UD8AEFA Datasheet
223Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AGFA ELPIDA-EBE51UD8AGFA Datasheet
231Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51ED8AEFA-6 ELPIDA-EBE51ED8AEFA-6 Datasheet
194Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8ABFA ELPIDA-EBE51ED8ABFA Datasheet
168Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz