Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBD25UC8AKFA-5-E Datasheet(PDF) 14 Page - Elpida Memory

Part No. EBD25UC8AKFA-5-E
Description  256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD25UC8AKFA-5-E Datasheet(HTML) 14 Page - Elpida Memory

Back Button EBD25UC8AKFA-5-E Datasheet HTML 10Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 11Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 12Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 13Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 14Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 15Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 16Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 17Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 18Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
EBD25UC8AKFA-5-E
Preliminary Data Sheet E0602E10 (Ver. 1.0)
14
Timing Parameter Measured in Clock Cycle for Unbuffered DIMM
Number of clock cycle
tCK
5ns
Parameter
Symbol
min.
max.
Unit
Write to pre-charge command delay (same bank)
tWPD
4 + BL/2
tCK
Read to pre-charge command delay (same bank)
tRPD
BL/2
tCK
Write to read command delay (to input all data)
tWRD
2 + BL/2
tCK
Burst stop command to write command delay
tBSTW
3
tCK
Burst stop command to DQ High-Z
tBSTZ
3
3
tCK
Read command to write command delay
(to output all data)
tRWD
3 + BL/2
tCK
Pre-charge command to High-Z
tHZP
3
3
tCK
Write command to data in latency
tWCD
1
1
tCK
Write recovery
tWR
3
tCK
DM to data in latency
tDMD
0
0
tCK
Mode register set command cycle time
tMRD
2
tCK
Self refresh exit to non-read command
tSNR
15
tCK
Self refresh exit to read command
tSRD
200
tCK
Power down entry
tPDEN
1
1
tCK
Power down exit to command input
tPDEX
1
tCK


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn