Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBD25UC8AKFA-5-E Datasheet(PDF) 1 Page - Elpida Memory

Part No. EBD25UC8AKFA-5-E
Description  256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD25UC8AKFA-5-E Datasheet(HTML) 1 Page - Elpida Memory

  EBD25UC8AKFA-5-E Datasheet HTML 1Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 2Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 3Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 4Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 5Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 6Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 7Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 8Page - Elpida Memory EBD25UC8AKFA-5-E Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Document No. E0602E
10 (Ver. 1.0)
Date Published October 2004 (K) Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2004
PRELIMINARY DATA SHEET
256MB Unbuffered DDR SDRAM DIMM
EBD25UC8AKFA-5-E (32M words
×××× 64 bits, 1 Rank)
Description
The EBD25UC8AKFA is 32M words
× 64 bits, 1 rank
Double Data Rate (DDR) SDRAM unbuffered module,
mounting 8 pieces of 256M bits DDR SDRAM sealed in
TSOP package.
Read and write operations are
performed at the cross points of the CK and the /CK.
This high-speed data transfer is realized by the 2 bits
prefetch-pipelined architecture.
Data strobe (DQS)
both for read and write are available for high speed and
reliable data bus design. By setting extended mode
register, the on-chip Delay Locked Loop (DLL) can be
set enable or disable.
This module provides high
density mounting without utilizing surface mount
technology.
Decoupling capacitors are mounted
beside each TSOP on the module board.
Features
• 184-pin socket type dual in line memory module
(DIMM)
 PCB height: 31.75mm
 Lead pitch: 1.27mm
 Lead-free
• 2.5 V power supply
• Data rate: 400Mbps (max.)
• 2.5 V (SSTL_2 compatible) I/O
• Double Data Rate architecture; two data transfers per
clock cycle
• Bi-directional, data strobe (DQS) is transmitted
/received with data, to be used in capturing data at
the receiver
• Data inputs and outputs are synchronized with DQS
• 4 internal banks for concurrent operation
(Components)
• DQS is edge aligned with data for READs; center
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
referenced to both edges of DQS
• Data mask (DM) for write data
• Auto precharge option for each burst access
• Programmable burst length: 2, 4, 8
• Programmable /CAS latency (CL): 3
• Programmable output driver strength: normal/weak
• Refresh cycles: (8192 refresh cycles /64ms)
 7.8µs maximum average periodic refresh interval
• 2 variations of refresh
 Auto refresh
 Self refresh


Similar Part No. - EBD25UC8AKFA-5-E

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EBD25UC8AKFA-5 ELPIDA-EBD25UC8AKFA-5 Datasheet
152Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
EBD25UC8AKFA-5B ELPIDA-EBD25UC8AKFA-5B Datasheet
152Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
EBD25UC8AKFA-5C ELPIDA-EBD25UC8AKFA-5C Datasheet
152Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
More results

Similar Description - EBD25UC8AKFA-5-E

ManufacturerPart No.DatasheetDescription
Elpida Memory
Elpida Memory
EBD25UC8AKFA-5 ELPIDA-EBD25UC8AKFA-5 Datasheet
152Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
EBD25EC8AKFA-5 ELPIDA-EBD25EC8AKFA-5 Datasheet
180Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X72 bits, 1 Rank)
EBD26UC6AKSA ELPIDA-EBD26UC6AKSA Datasheet
204Kb / 19P
   256MB DDR SDRAM SO DIMM (32M words x 64 bits, 2 Banks)
EBD26UC6AKSA-E ELPIDA-EBD26UC6AKSA-E Datasheet
213Kb / 19P
   256MB DDR SDRAM SO-DIMM (32M words x 64 bits, 2 Ranks)
EBE51UD8ABFA ELPIDA-EBE51UD8ABFA Datasheet
206Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA-6 ELPIDA-EBE51UD8AEFA-6 Datasheet
229Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AEFA ELPIDA-EBE51UD8AEFA Datasheet
223Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51UD8AGFA ELPIDA-EBE51UD8AGFA Datasheet
231Kb / 23P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 64 bits, 1 Rank)
EBE51ED8AEFA-6 ELPIDA-EBE51ED8AEFA-6 Datasheet
194Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
EBE51ED8ABFA ELPIDA-EBE51ED8ABFA Datasheet
168Kb / 22P
   512MB Unbuffered DDR2 SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz