![]() |
Electronic Components Datasheet Search |
|
EBD25UC8AKFA-5-E Datasheet(PDF) 5 Page - Elpida Memory |
|
EBD25UC8AKFA-5-E Datasheet(HTML) 5 Page - Elpida Memory |
5 / 19 page ![]() EBD25UC8AKFA-5-E Preliminary Data Sheet E0602E10 (Ver. 1.0) 5 Serial PD Matrix Byte No. Function described Bit7 Bit6 Bit5 Bit4 Bit3 Bit2 Bit1 Bit0 Hex value Comments 0 Number of bytes utilized by module manufacturer 1 0 0 0 0 0 0 0 80H 128 bytes 1 Total number of bytes in serial PD device 0 0 0 0 1 0 0 0 08H 256 bytes 2 Memory type 0 0 0 0 0 1 1 1 07H DDR SDRAM 3 Number of row address 0 0 0 0 1 1 0 1 0DH 13 4 Number of column address 0 0 0 0 1 0 1 0 0AH 10 5 Number of DIMM ranks 0 0 0 0 0 0 0 1 01H 1 6 Module data width 0 1 0 0 0 0 0 0 40H 64 7 Module data width continuation 0 0 0 0 0 0 0 0 00H 0 8 Voltage interface level of this assembly 0 0 0 0 0 1 0 0 04H SSTL2 9 DDR SDRAM cycle time, CL = 3 0 1 0 1 0 0 0 0 50H 5.0ns *1 10 SDRAM access from clock (tAC) 0 1 1 1 0 0 0 0 70H 0.7ns *1 11 DIMM configuration type 0 0 0 0 0 0 0 0 00H None. 12 Refresh rate/type 1 0 0 0 0 0 1 0 82H 7.8 µs 13 Primary SDRAM width 0 0 0 0 1 0 0 0 08H × 8 14 Error checking SDRAM width 0 0 0 0 0 0 0 0 00H None. 15 SDRAM device attributes: Minimum clock delay back-to-back column access 0 0 0 0 0 0 0 1 01H 1 CLK 16 SDRAM device attributes: Burst length supported 0 0 0 0 1 1 1 0 0EH 2,4,8 17 SDRAM device attributes: Number of banks on SDRAM device 0 0 0 0 0 1 0 0 04H 4 18 SDRAM device attributes: /CAS latency 0 0 0 1 1 1 0 0 1CH 2, 2.5, 3 19 SDRAM device attributes: /CS latency 0 0 0 0 0 0 0 1 01H 0 20 SDRAM device attributes: /WE latency 0 0 0 0 0 0 1 0 02H 1 21 SDRAM module attributes 0 0 1 0 0 0 0 0 20H Differential Clock 22 SDRAM device attributes: General 1 1 0 0 0 0 0 0 C0H VDD ± 0.2V 23 Minimum clock cycle time at CL = 2.5 0 1 1 0 0 0 0 0 60H 6.0ns *1 24 Maximum data access time (tAC) from clock at CL = 2.5 0 1 1 1 0 0 0 0 70H 0.7ns *1 25 Minimum clock cycle time at CL = 2 0 1 1 1 0 1 0 1 75H 0.75ns *1 26 Maximum data access time (tAC) from clock at CL = 2 0 1 1 1 0 1 0 1 75H 0.75ns *1 27 Minimum row precharge time (tRP) -5B 0 0 1 1 1 1 0 0 3CH 15ns -5C 0 1 0 0 1 0 0 0 48H 18ns 28 Minimum row active to row active delay (tRRD) 0 0 1 0 1 0 0 0 28H 10ns 29 Minimum /RAS to /CAS delay (tRCD) -5B 0 0 1 1 1 1 0 0 3CH 15ns -5C 0 1 0 0 1 0 0 0 48H 18ns 30 Minimum active to precharge time (tRAS) 0 0 1 0 1 0 0 0 28H 40ns 31 Module rank density 0 1 0 0 0 0 0 0 40H 256M bytes |
Similar Part No. - EBD25UC8AKFA-5-E |
|
Similar Description - EBD25UC8AKFA-5-E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |