Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBD25UC8AKFA-5 Datasheet(PDF) 13 Page - Elpida Memory

Part No. EBD25UC8AKFA-5
Description  256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD25UC8AKFA-5 Datasheet(HTML) 13 Page - Elpida Memory

Back Button EBD25UC8AKFA-5 Datasheet HTML 9Page - Elpida Memory EBD25UC8AKFA-5 Datasheet HTML 10Page - Elpida Memory EBD25UC8AKFA-5 Datasheet HTML 11Page - Elpida Memory EBD25UC8AKFA-5 Datasheet HTML 12Page - Elpida Memory EBD25UC8AKFA-5 Datasheet HTML 13Page - Elpida Memory EBD25UC8AKFA-5 Datasheet HTML 14Page - Elpida Memory EBD25UC8AKFA-5 Datasheet HTML 15Page - Elpida Memory EBD25UC8AKFA-5 Datasheet HTML 16Page - Elpida Memory EBD25UC8AKFA-5 Datasheet HTML 17Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
EBD25UC8AKFA-5
Preliminary Data Sheet E0353E30 (Ver. 3.0)
13
-5B
-5C
Parameter
Symbol
min.
max.
min.
max.
Unit
Notes
Auto refresh to Active/Auto refresh
command period
tRFC
70
70
ns
Active to Read/Write delay
tRCD
15
18
ns
Precharge to active command period
tRP
15
18
ns
Active to Autoprecharge delay
tRAP
tRCD min.
tRCD min.
ns
Active to active command period
tRRD
10
10
ns
Write recovery time
tWR
15
15
ns
Auto precharge write recovery and
precharge time
tDAL
(tWR/tCK)+
(tRP/tCK)
(tWR/tCK)+
(tRP/tCK)
tCK
13
Internal write to Read command delay
tWTR
2
2
tCK
Average periodic refresh interval
tREF
7.8
7.8
µs
Notes: 1. All the AC parameters listed in this data sheet is component specifications. For AC testing conditions,
refer to the corresponding component data sheet.
2. This parameter defines the signal transition delay from the cross point of CK and /CK. The signal
transition is defined to occur when the signal level crossing VTT.
3. The timing reference level is VTT.
4. Output valid window is defined to be the period between two successive transition of data out or DQS
(read) signals. The signal transition is defined to occur when the signal level crossing VTT.
5. tHZ is defined as DOUT transition delay from Low-Z to High-Z at the end of read burst operation. The
timing reference is cross point of CK and /CK. This parameter is not referred to a specific DOUT voltage
level, but specify when the device output stops driving.
6. tLZ is defined as DOUT transition delay from High-Z to Low-Z at the beginning of read operation. This
parameter is not referred to a specific DOUT voltage level, but specify when the device output begins
driving.
7. Input valid windows is defined to be the period between two successive transition of data input or DQS
(write) signals. The signal transition is defined to occur when the signal level crossing VREF.
8. The timing reference level is VREF.
9. The transition from Low-Z to High-Z is defined to occur when the device output stops driving. A specific
reference voltage to judge this transition is not given.
10. tCK (max.) is determined by the lock range of the DLL. Beyond this lock range, the DLL operation is not
assured.
11. tCK = tCK (min) when these parameters are measured. Otherwise, absolute minimum values of these
values are 10% of tCK.
12. VDD is assumed to be 2.6V ± 0.1V. VDD power supply variation per cycle expected to be less than
0.4V/400 cycle.
13. tDAL = (tWR/tCK)+(tRP/tCK)
For each of the terms above, if not already an integer, round to the next highest integer.
Example: For –5C Speed at CL = 3, tCK = 5ns, tWR = 15ns and tRP= 18ns,
tDAL = (15ns/5ns) + (18ns/5ns) = (3) + (4)
tDAL = 7 clocks


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn