Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBD21RD4ADNA Datasheet(PDF) 12 Page - Elpida Memory

Part # EBD21RD4ADNA
Description  2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD21RD4ADNA Datasheet(HTML) 12 Page - Elpida Memory

Back Button EBD21RD4ADNA Datasheet HTML 8Page - Elpida Memory EBD21RD4ADNA Datasheet HTML 9Page - Elpida Memory EBD21RD4ADNA Datasheet HTML 10Page - Elpida Memory EBD21RD4ADNA Datasheet HTML 11Page - Elpida Memory EBD21RD4ADNA Datasheet HTML 12Page - Elpida Memory EBD21RD4ADNA Datasheet HTML 13Page - Elpida Memory EBD21RD4ADNA Datasheet HTML 14Page - Elpida Memory EBD21RD4ADNA Datasheet HTML 15Page - Elpida Memory EBD21RD4ADNA Datasheet HTML 16Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
EBD21RD4ADNA
Preliminary Data Sheet E0433E10 (Ver. 1.0)
12
DC Characteristics 2 (TA = 0 to +70°C, VDD, VDDQ = 2.5V ± 0.2V, VSS = 0V)
(DDR SDRAM Component Specification)
Parameter
Symbol
min.
max.
Unit
Test condition
Notes
Input leakage current
ILI
–2
2
µA
VDD ≥ VIN ≥ VSS
Output leakage current
ILO
–5
5
µA
VDDQ ≥ VOUT ≥ VSS
Output high current
IOH
–15.2
mA
VOUT = 1.95V
Output low current
IOL
15.2
mA
VOUT = 0.35V
Pin Capacitance (TA = 25°C, VDD, VDDQ = 2.5V ± 0.2V)
Parameter
Symbol
Pins
max.
Unit
Notes
Input capacitance
CI1
Address, /RAS, /CAS, /WE,
/CS, CKE
20
pF
1, 3
Input capacitance
CI2
CK, /CK
20
pF
1, 3
Data and DQS input/output
capacitance
CO
DQ, DQS, CB, DM
20
pF
1, 2, 3
Notes: 1. These parameters are measured on conditions: f = 100MHz, VOUT = VDDQ/2,
∆VOUT = 0.2V.
2. Dout circuits are disabled.
3. This parameter is sampled and not 100% tested.
AC Characteristics (TA = 0 to +70
°°°°C, VDD, VDDQ = 2.5V ± 0.2V, VSS = 0V)
(DDR SDRAM Component Specification)
-6B
-7A
-7B
Parameter
Symbol
min.
max.
min.
max
min.
max.
Unit Notes
Clock cycle time
(CL = 2)
tCK
7.5
12
7.5
12
10
12
ns
10
(CL = 2.5)
tCK
6
12
7.5
12
7.5
12
ns
CK high-level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
tCK
CK low-level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
tCK
CK half period
tHP
min
(tCH, tCL)
min
(tCH, tCL)
min
(tCH, tCL)
tCK
DQ output access time from CK, /CK tAC
–0.7
0.7
–0.75
0.75
–0.75
0.75
ns
2, 11
DQS output access time from CK,
/CK
tDQSCK –0.6
0.6
–0.75
0.75
–0.75
0.75
ns
2, 11
DQS to DQ skew
tDQSQ
0.45
0.5
0.5
ns
3
DQ/DQS output hold time from DQS tQH
tHP – tQHS —
tHP – tQHS —
tHP – tQHS —
ns
Data hold skew factor
tQHS
0.55
0.75
0.75
ns
Data-out high-impedance time from
CK, /CK
tHZ
–0.7
0.7
–0.75
0.75
–0.75
0.75
ns
5, 11
Data-out low-impedance time from
CK, /CK
tLZ
–0.7
0.7
–0.75
0.75
–0.75
0.75
ns
6, 11
Read preamble
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
tCK
Read postamble
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
tCK
DQ and DM input setup time
tDS
0.45
0.5
0.5
ns
8
DQ and DM input hold time
tDH
0.45
0.5
0.5
ns
8
DQ and DM input pulse width
tDIPW
1.75
1.75
1.75
ns
7
Write preamble setup time
tWPRES 0
0
0
ns
Write preamble
tWPRE
0.25
0.25
0.25
tCK


Similar Part No. - EBD21RD4ADNA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD21RD4ADNA-6B-E ELPIDA-EBD21RD4ADNA-6B-E Datasheet
201Kb / 19P
   2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
EBD21RD4ADNA-7A-E ELPIDA-EBD21RD4ADNA-7A-E Datasheet
201Kb / 19P
   2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
EBD21RD4ADNA-7B-E ELPIDA-EBD21RD4ADNA-7B-E Datasheet
201Kb / 19P
   2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
EBD21RD4ADNA-E ELPIDA-EBD21RD4ADNA-E Datasheet
201Kb / 19P
   2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
More results

Similar Description - EBD21RD4ADNA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD21RD4ADNA-E ELPIDA-EBD21RD4ADNA-E Datasheet
201Kb / 19P
   2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
EBE21RD4AGFA ELPIDA-EBE21RD4AGFA Datasheet
185Kb / 23P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
EBE21RD4ABHA ELPIDA-EBE21RD4ABHA Datasheet
173Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
EBE21RD4AEFA ELPIDA-EBE21RD4AEFA Datasheet
193Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 2 Ranks)
EBD11ED8ADFB ELPIDA-EBD11ED8ADFB Datasheet
188Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBD11ED8ADFB-5 ELPIDA-EBD11ED8ADFB-5 Datasheet
183Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBD10RD4ADFA ELPIDA-EBD10RD4ADFA Datasheet
219Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBD10RD4ADFA-E ELPIDA-EBD10RD4ADFA-E Datasheet
207Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBE20RE4AAFA ELPIDA-EBE20RE4AAFA Datasheet
191Kb / 22P
   2GB Registered DDR2 SDRAM DIMM (256M words x 72 bits, 1 Rank)
EBD11UD8ADDA-E ELPIDA-EBD11UD8ADDA-E Datasheet
216Kb / 19P
   1GB DDR SDRAM SO-DIMM (128M words x64 bits, 2 Ranks)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com