Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBD11ED8ADFB-5 Datasheet(PDF) 1 Page - Elpida Memory

Part No. EBD11ED8ADFB-5
Description  1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD11ED8ADFB-5 Datasheet(HTML) 1 Page - Elpida Memory

  EBD11ED8ADFB-5 Datasheet HTML 1Page - Elpida Memory EBD11ED8ADFB-5 Datasheet HTML 2Page - Elpida Memory EBD11ED8ADFB-5 Datasheet HTML 3Page - Elpida Memory EBD11ED8ADFB-5 Datasheet HTML 4Page - Elpida Memory EBD11ED8ADFB-5 Datasheet HTML 5Page - Elpida Memory EBD11ED8ADFB-5 Datasheet HTML 6Page - Elpida Memory EBD11ED8ADFB-5 Datasheet HTML 7Page - Elpida Memory EBD11ED8ADFB-5 Datasheet HTML 8Page - Elpida Memory EBD11ED8ADFB-5 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Document No. E0408E30 (Ver. 3.0)
Date Published February 2004 (K) Japan
URL: http://www.elpida.com
Elpida Memory , Inc. 2003-2004
DATA SHEET
1GB Unbuffered DDR SDRAM DIMM
EBD11ED8ADFB-5 (128M words
×××× 72 bits, 2 Ranks)
Description
The EBD11UD8ADFB is 128M words
× 72 bits, 2 ranks
Double Data Rate (DDR) SDRAM unbuffered module,
mounting 18 pieces of 512M bits DDR SDRAM sealed
in TSOP package.
Read and write operations are
performed at the cross points of the CK and the /CK.
This high-speed data transfer is realized by the 2 bits
prefetch-pipelined architecture.
Data strobe (DQS)
both for read and write are available for high speed and
reliable data bus design. By setting extended mode
register, the on-chip Delay Locked Loop (DLL) can be
set enable or disable.
This module provides high
density mounting without utilizing surface mount
technology.
Decoupling capacitors are mounted
beside each TSOP on the module board.
Features
• 184-pin socket type dual in line memory module
(DIMM)
 PCB height: 31.75mm
 Lead pitch: 1.27mm
• 2.6V power supply
• Data rate: 400Mbps (max.)
• 2.5 V (SSTL_2 compatible) I/O
• Double Data Rate architecture; two data transfers per
clock cycle
• Bi-directional, data strobe (DQS) is transmitted
/received with data, to be used in capturing data at
the receiver
• Data inputs and outputs are synchronized with DQS
• 4 internal banks for concurrent operation
(Component)
• DQS is edge aligned with data for READs; center
aligned with data for WRITEs
• Differential clock inputs (CK and /CK)
• DLL aligns DQ and DQS transitions with CK
transitions
• Commands entered on each positive CK edge; data
referenced to both edges of DQS
• Auto precharge option for each burst access
• Programmable burst length: 2, 4, 8
• Programmable /CAS latency (CL): 3
• Programmable output driver strength: normal/weak
• Refresh cycles: (8192 refresh cycles /64ms)
 7.8µs maximum average periodic refresh interval
• 2 variations of refresh
 Auto refresh
 Self refresh


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn