Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EBD10RD4ADFA-E Datasheet(PDF) 8 Page - Elpida Memory

Part # EBD10RD4ADFA-E
Description  1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD10RD4ADFA-E Datasheet(HTML) 8 Page - Elpida Memory

Back Button EBD10RD4ADFA-E Datasheet HTML 4Page - Elpida Memory EBD10RD4ADFA-E Datasheet HTML 5Page - Elpida Memory EBD10RD4ADFA-E Datasheet HTML 6Page - Elpida Memory EBD10RD4ADFA-E Datasheet HTML 7Page - Elpida Memory EBD10RD4ADFA-E Datasheet HTML 8Page - Elpida Memory EBD10RD4ADFA-E Datasheet HTML 9Page - Elpida Memory EBD10RD4ADFA-E Datasheet HTML 10Page - Elpida Memory EBD10RD4ADFA-E Datasheet HTML 11Page - Elpida Memory EBD10RD4ADFA-E Datasheet HTML 12Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
EBD10RD4ADFA-E
Data Sheet E0607E10 (Ver. 1.0)
8
Block Diagram
DQ
DQS
DM
DQ0 to DQ3
4
DQS0
RS
RS
/CS
D0
/RCS0
VSS
DQ
DQ8 to DQ11
4
DQS1
RS
RS
D1
DQ
DQ16 to DQ19
4
DQS2
RS
RS
D2
DQ
DQ24 to DQ27
4
DQS3
RS
RS
D3
DQ
DQ32 to DQ35
4
DQS4
RS
RS
D4
DQ
DQ40 to DQ43
4
DQS5
RS
RS
D5
DQ
DQ48 to DQ51
4
DQS6
RS
RS
D6
DQ
DQ56 to DQ59
4
DQS7
RS
RS
D7
DQ
CB0 to CB3
4
DQS8
RS
RS
D8
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQ
DQS
DM
DQ4 to DQ7
4
DM0/DQS9
RS
RS
/CS
D9
DQ
DQ12 to DQ15
4
DM1/DQS10
RS
RS
D10
DQ
DQ20 to DQ23
4
DM2/DQS11
RS
RS
D11
DQ
DQ28 to DQ31
4
DM3/DQS12
RS
RS
D12
DQ
DQ36 to DQ39
4
DM4/DQS13
RS
RS
D13
DQ
DQ44 to DQ47
4
DM5/DQS14
RS
RS
D14
DQ
DQ52 to DQ55
4
DM6/DQS15
RS
RS
D15
DQ
DQ60 to DQ63
4
DM7/DQS16
RS
RS
D16
DQ
CB4 to CB7
4
DM8/DQS17
RS
RS
D17
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
DQS
DM
/CS
* D0 to D17: 512M bits DDR SDRAM
U0: 2k bits EEPROM
RS: 22Ω
PLL: CDCV857
Register: SSTV16857
RS
RS
RS
RS
RS
RS
RS
Serial PD
SDA
A0
A1
A2
SA0
SA1
SA2
SCL
SCL
U0
SDA
Notes:
1. The SDA pull-up resistor is required due to
the open-drain/open-collector output.
2. The SCL pull-up resistor is recommended
because of the normal SCL line inacitve
"high" state.
D0 to D17
D0 to D17
D0 to D17
VDD
VSS
VREF
VDDID
open
/CS0
BA0 to BA1
A0 to A12
/RAS
/CAS
CKE0
/WE
/RCS0 -> /CS: SDRAMs D0 to D17
RBA0 to RBA1 -> BA0 to BA1: SDRAMs D0 to D17
RA0 to RA12 -> A0 to A12: SDRAMs D0 to D17
/RRAS -> /RAS: SDRAMs D0 to D17
/RCAS -> /CAS: SDRAMs D0 to D17
RCKE0A -> CKE: SDRAMs D0 to D17
/RWE -> /WE: SDRAMs D0 to D17
R
E
G
I
S
T
E
R
PCK
/PCK
CK0, /CK0
PLL*
/RESET
Note: Wire per Clock loading table/Wiring diagrams.


Similar Part No. - EBD10RD4ADFA-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD10RD4ADFA-6B ELPIDA-EBD10RD4ADFA-6B Datasheet
219Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBD10RD4ADFA-7A ELPIDA-EBD10RD4ADFA-7A Datasheet
219Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBD10RD4ADFA-7B ELPIDA-EBD10RD4ADFA-7B Datasheet
219Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
More results

Similar Description - EBD10RD4ADFA-E

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBD10RD4ADFA ELPIDA-EBD10RD4ADFA Datasheet
219Kb / 19P
   1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
EBE10RD4AGFA ELPIDA-EBE10RD4AGFA Datasheet
196Kb / 23P
   1GB Registered DDR2 SDRAM DIMM (128M words x 72 bits, 1 Rank)
EBD11ED8ADFB ELPIDA-EBD11ED8ADFB Datasheet
188Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBE10RD4AEFA ELPIDA-EBE10RD4AEFA Datasheet
190Kb / 22P
   1GB Registered DDR2 SDRAM DIMM (128M words x 72 bits, 1 Rank)
EBE10RD4ABFA ELPIDA-EBE10RD4ABFA Datasheet
172Kb / 22P
   1GB Registered DDR2 SDRAM DIMM (128M words x 72 bits, 1 Rank)
EBD11ED8ADFB-5 ELPIDA-EBD11ED8ADFB-5 Datasheet
183Kb / 19P
   1GB Unbuffered DDR SDRAM DIMM (128M words x72 bits, 2 Ranks)
EBD25EC8AKFA-5 ELPIDA-EBD25EC8AKFA-5 Datasheet
180Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X72 bits, 1 Rank)
EBD21RD4ADNA ELPIDA-EBD21RD4ADNA Datasheet
176Kb / 19P
   2GB Registered DDR SDRAM DIMM (256M words X72 bits, 2 Ranks)
EBD51RC4AKFA ELPIDA-EBD51RC4AKFA Datasheet
198Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words X 72 bits, 1 Rank)
EBD51RC4AKFA-E ELPIDA-EBD51RC4AKFA-E Datasheet
209Kb / 19P
   512MB Registered DDR SDRAM DIMM (64M words x 72 bits, 1 Rank)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com