Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBD10RD4ADFA Datasheet(PDF) 2 Page - Elpida Memory

Part No. EBD10RD4ADFA
Description  1GB Registered DDR SDRAM DIMM (128M words x72 bits, 1 Rank)
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ELPIDA [Elpida Memory]
Homepage  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

EBD10RD4ADFA Datasheet(HTML) 2 Page - Elpida Memory

  EBD10RD4ADFA Datasheet HTML 1Page - Elpida Memory EBD10RD4ADFA Datasheet HTML 2Page - Elpida Memory EBD10RD4ADFA Datasheet HTML 3Page - Elpida Memory EBD10RD4ADFA Datasheet HTML 4Page - Elpida Memory EBD10RD4ADFA Datasheet HTML 5Page - Elpida Memory EBD10RD4ADFA Datasheet HTML 6Page - Elpida Memory EBD10RD4ADFA Datasheet HTML 7Page - Elpida Memory EBD10RD4ADFA Datasheet HTML 8Page - Elpida Memory EBD10RD4ADFA Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
EBD10RD4ADFA
Data Sheet E0430E20 (Ver. 2.0)
2
Ordering Information
Part number
Data rate
Mbps (max.)
Component
JEDEC speed bin*
1
(CL-tRCD-tRP)
Package
Contact
pad
Mounted devices
EBD10RD4ADFA-6B
333
DDR333B (2.5-3-3)
184-pin DIMM
Gold
EDD5104ADTA-6B
EBD10RD4ADFA-7A
266
DDR266A (2-3-3)
EDD5104ADTA-6B, -7A
EBD10RD4ADFA-7B
266
DDR266B (2.5-3-3)
EDD5104ADTA-6B, -7A, -7B
Note: 1. Module /CAS latency = component CL + 1
Pin Configurations
1 pin
Front side
Back side
52 pin 53 pin
92 pin
93 pin
144 pin 145 pin 184 pin
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
Pin No.
Pin name
1
VREF
47
DQS8
93
VSS
139
VSS
2
DQ0
48
A0
94
DQ4
140
DM8/DQS17
3
VSS
49
CB2
95
DQ5
141
A10
4
DQ1
50
VSS
96
VDD
142
CB6
5
DQS0
51
CB3
97
DM0/DQS9
143
VDD
6
DQ2
52
BA1
98
DQ6
144
CB7
7
VDD
53
DQ32
99
DQ7
145
VSS
8
DQ3
54
VDD
100
VSS
146
DQ36
9
NC
55
DQ33
101
NC
147
DQ37
10
/RESET
56
DQS4
102
NC
148
VDD
11
VSS
57
DQ34
103
NC
149
DM4/DQS13
12
DQ8
58
VSS
104
VDD
150
DQ38
13
DQ9
59
BA0
105
DQ12
151
DQ39
14
DQS1
60
DQ35
106
DQ13
152
VSS
15
VDD
61
DQ40
107
DM1/DQS10
153
DQ44
16
NC
62
VDD
108
VDD
154
/RAS
17
NC
63
/WE
109
DQ14
155
DQ45
18
VSS
64
DQ41
110
DQ15
156
VDD
19
DQ10
65
/CAS
111
NC
157
/CS0
20
DQ11
66
VSS
112
VDD
158
NC
21
CKE0
67
DQS5
113
NC
159
DM5/DQS14
22
VDD
68
DQ42
114
DQ20
160
VSS
23
DQ16
69
DQ43
115
A12
161
DQ46
24
DQ17
70
VDD
116
VSS
162
DQ47
25
DQS2
71
NC
117
DQ21
163
NC
26
VSS
72
DQ48
118
A11
164
VDD
27
A9
73
DQ49
119
DM2/DQS11
165
DQ52


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn