Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

9239 Datasheet(PDF) 10 Page - Belden Inc.

Part No. 9239
Description  MIL-C-17G QPL Cable
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BELDEN [Belden Inc.]
Homepage  https://www.belden.com/
Logo 

9239 Datasheet(HTML) 10 Page - Belden Inc.

 
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
COAXIAL
CABLES
6.90
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
RG-58A/U Type • 20 AWG Stranded (7x28) .037
″ Tinned Copper Conductor • Double Tinned Copper Braid Shield (96% Coverage)
Polyethylene Insulation • Yellow PVC Jacket (Polyethylene Insulation between Braids)
75°C
9222
100
30.5
4.6
2.1
20 AWG
.114
2.90 (2) TC Braids .240
6.10
50
66%
30.8
101.0
U-500 U-152.4
19.5
8.8
(7x28)
96% Shield
500
152.4
20.5
9.3
.037
Coverage
TC
Inner:
9.5
Ω/M′
4.7
Ω/M′
31.0
Ω/km
15.5
Ω/km
Outer:
4.3
Ω/M′
14.1
Ω/km
RG-8/U Type • 11 AWG Stranded (7x19) .108
″ Bare Copper Conductor • Double Bare Copper Braid Shield (96% Coverage)
Foam Polyethylene Insulation • Black Polyethylene Jacket (Polyethylene Insulation between Braids)
80°C
9888
500
152.4
72.5 33.0
11 AWG
.285
7.24
(2) BC
.480
12.19
50
78%
26.0
85.3
1000
304.8
140.0 63.6
(7x19)
96% Shield
.108
Coverage
BC
Inner:
1.2
Ω/M′
1.2
Ω/M′
3.9
Ω/km
3.9
Ω/km
Outer:
2.1
Ω/M′
4.9
Ω/km
BC = Bare Copper • DCR = DC Resistance • TC = Tinned Copper
Contact the Belden Customer Service Department for a Comprehensive Connector Cross Reference. 1-800-BELDEN-1.
Computer and Instrumentation Cable
50 Ohm Triax
1
.5
1.6
10
1.5
4.9
50
3.3
10.8
100
4.9
16.1
200
7.2
23.6
400
12.0
39.4
700
18.0
57.1
900
22.0
72.2
1000
24.0
78.7
1.1.5
10
.5
1.7
50
1.2
3.9
100
1.8
5.9
200
2.7
8.9
400
4.2
13.8
700
5.8
19.0
900
6.7
22.0
1000
7.1
23.3
Shielding
Materials
Nom. DCR
Nom.
Imp.
(
Ω)
Nominal
Core OD
Nominal OD
Inch
mm
Inch
mm
Conductor
(stranding)
Diameter
Nom. DCR
Standard
Unit Weight
Standard Lengths
Lbs.
kg
Ft.
m
UL NEC/
C(UL) CEC
Type
Part
No.
MHz
dB/
100 Ft.
dB/
100m
Nominal
Attenuation
Nominal
Capacitance
pF/m
pF/Ft.
Nom.
Vel.
of
Prop.
Description


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn