Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

9239 Datasheet(PDF) 9 Page - Belden Inc.

Part No. 9239
Description  MIL-C-17G QPL Cable
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BELDEN [Belden Inc.]
Homepage  https://www.belden.com/
Logo 

9239 Datasheet(HTML) 9 Page - Belden Inc.

 
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
COAXIAL
CABLES
6.89
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Computer and Instrumentation Cable
Electrical Characteristics — Twinax
Attenuation
Frequency (MHz)
9859, 9272, 9463
9271
9182
9207, 9815
9250
9860
9851
.2
.3
.8
1.0
2.0
3.0
.4
0
.6
4.0
5.0
6.0
7.0
12
3
4
5
6
8
10
20
30
40 50
Rise Time
0 to 50% Rise Time (Microseconds)
.1
.2
.3
.4
.5
1.0
3.0
2.0
4.0 5.0
10.0
100
200
300
400
500
1000
2000
3000
4000
5000
9271
9859,
9272,
9463
9860
9182
9851
9250,
9450,
9815
.1
Bit Rate
Bit Rate (Megabits/Sec.)
.2
.3
.4
.5
1.0
3.0
2.0
4.0 5.0
10.0
100
200
300
400
500
1000
2000
3000
4000
5000
9851
9860
9250,
9207,
9815
9271
9859,
9272,
9463
9182
Transfer Impedance
9271
9851
9272, 9859
9815
9463
9207
9250
9860
0.1
1.0
10.0
100.0
1000.0
.1
1.0
10.0
50.0
Frequency (MHz)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn