Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

9239 Datasheet(PDF) 7 Page - Belden Inc.

Part No. 9239
Description  MIL-C-17G QPL Cable
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BELDEN [Belden Inc.]
Homepage  https://www.belden.com/
Logo 

9239 Datasheet(HTML) 7 Page - Belden Inc.

 
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
78 Ohm • 20 AWG Stranded (7x28) .038
″ Tinned Copper Conductors • Tinned Copper Braid Shield (93% Coverage)
Polyethylene Insulation • Blue PVC Jacket (Color Code: Clear, Blue)
UL AWM
9272
NEC:
100
30.5
4.5
2.0
20 AWG
.156
3.96
TC Braid
.244
6.20
78
66%
19.7
64.6
Style 2092
CM
U-500 U-152.4
20.0
9.1
(7x28)
93% Shield
(300V 60°C)
CEC:
500
152.4
18.5
8.4
.038
Coverage
CM
U-1000 U-304.8
39.0 17.7
TC
3.4
Ω/M′
1000
304.8
41.0 18.6
9.5
Ω/M′
11.2
Ω/km
31.2
Ω/km
Plenum • FEP Teflon® Insulation • Blue FEP Teflon Jacket (Color Code: Clear, Blue)
200°C
89272
NEC:
500
152.4
17.0
7.7
20 AWG
.148
3.76
TC Braid
.198
5.03
78
69.5% 18.4
60.4
CMP
1000
304.8
38.0 17.3
(7x28)
93% Shield
CEC:
.038
Coverage
CMP FT6
TC
3.9
Ω/M′
9.5
Ω/M′
12.8v/km
31.2
Ω/km
Suitable for Aerial applications when supported by a messenger.
78 Ohm • 20 AWG Stranded (7x28) .038
″ Tinned Copper Conductors • Beldfoil® (100% Coverage) + TC Braid Shield (55% Coverage)
Polyethylene Insulation • Blue Sunlight-resistant PVC Jacket (Color Code: Clear, Blue)
UL AWM
9463
NEC:
100
30.5
4.4
2.0
20 AWG
.154
3.91
Beldfoil
.238
6.05
78
66%
19.7
64.6
Style 2464
CM CL2
U-500 U-152.4
19.5
8.9
(7x28)
+ 55% TC
(300V 80°C)
CEC:
500
152.4
18.0
8.2
.038
Braid
CM
U-1000 U-304.8
38.0 17.2
TC
4.1
Ω/M′
1000
304.8
39.0 17.7
9.5
Ω/M′
13.4
Ω/km
6000 1828.7
234.0 106.1
31.0
Ω/km
10000 3048.0
380.0 172.4
PMSHA P-7K-SC-182141*
Allen Bradley P/N 1770-CD
1000 ft. and 6000 ft. put-ups also available in Brown, Orange and Purple. 10,000 ft. available in Brown or Orange only.
RG-22B/U • 95 Ohm • 18 AWG Stranded (7x26) .046
″ Bare Copper Conductors** • Double Tinned Copper Braid Shield (95% Coverage)
Polyethylene Insulation • PE Inner Jacket • Black Non-contaminating PVC Outer Jacket (Color Code: Clear, Clear)
80°C
9250
500
152.4
61.5 27.9
18 AWG
.285
7.24 (2) TC Braids .416
10.67
95
66%
16.0
52.5
VW-1
1000
304.8
121.0 54.9
(7x26)
95% Shield
.046
Coverage
BC
.9
Ω/M′
6.6
Ω/M′
3.0
Ω/km
21.5
Ω/km
RG-22B/U Type
**1 conductor has tinned center strand. Non-contaminating PVC jacket.
100 Ohm • 20 AWG Stranded (7x28) .037
″ One Tinned/One Bare Copper Conductors • Duofoil® + Double TC Braid Shield (95% Coverage)
Polyethylene Insulation • Black High-density Polyethylene Jacket
Direct Burial
9815
500
152.4
34.5 15.7
20 AWG
.236
5.99
TC Braid
.330
8.38
100
66%
14.5
47.6
80°C
1000
304.8
69.0 31.4
(7x28)
95% Shield
2000
609.6
134.0 60.9
.037
Coverage
(1) TC,
2.0
Ω/M′
(1) BC
6.6
Ω/km
9.5
Ω/M′
31.0
Ω/km
BC = Bare Copper • DCR = DC Resistance • FEP = Fluorinated Ethylene Propylene • PE = Polyethylene • TC = Tinned Copper
Contact the Belden Customer Service Department for a Comprehensive Connector Cross Reference. 1-800-BELDEN-1.
*Pennsylvania Department of Environmental Resources and United States Mine Safety and Health Administration Certification.
Final put-up may vary from length shown. ±10% for spools or reels, ±5% for UnReel® cartons.
COAXIAL
CABLES
6.87
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
Computer and Instrumentation Cable
78 Ohm, 95 Ohm and 100 Ohm Twinax
1
.6
2.0
10
2.1
6.9
50
5.0
16.4
100
7.5
24.6
200
11.0
36.1
400
16.0
52.5
1
.6
2.0
10
2.1
6.9
50
5.0
16.4
100
7.5
24.6
200
11.0
36.1
400
16.0
52.5
1
.6
2.0
10
2.1
6.9
50
3.6
11.8
100
7.5
24.6
200
11.0
36.1
400
16.0
52.5
1
.4
1.3
10
1.1
3.6
50
2.5
8.2
100
4.1
13.5
200
6.4
21.0
400
10.2
33.5
For Plenum version of 9272,
see 89272.
CPE jacket optional.
CPE jacket optional.
CPE jacket optional.
Shielding
Materials
Nom. DCR
Nom.
Imp.
(
Ω)
Nominal
Core OD
Nominal OD
Inch
mm
Inch
mm
Conductor
(stranding)
Diameter
Nom. DCR
Standard
Unit Weight
Standard Lengths
Lbs.
kg
Ft.
m
UL NEC/
C(UL) CEC
Type
Part
No.
MHz
dB/
100 Ft.
dB/
100m
Nominal
Attenuation
Nominal
Capacitance
pF/m
pF/Ft.
Nom.
Vel.
of
Prop.
Description
1
.3
1.0
10
.9
3.0
20
1.3
4.3
50
2.1
6.9
100
3.0
9.8
400
6.3
20.7
Teflon is a DuPont trademark.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn