Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

9239 Datasheet(PDF) 6 Page - Belden Inc.

Part No. 9239
Description  MIL-C-17G QPL Cable
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BELDEN [Belden Inc.]
Homepage  https://www.belden.com/
Logo 

9239 Datasheet(HTML) 6 Page - Belden Inc.

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
COAXIAL
CABLES
6.86
For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com
RG-62/U Type • 22 AWG Solid .025
″ Bare Copper-covered Steel Conductor • Bare Copper Braid Shield (94% Coverage)
Plenum • Semi-solid FEP Teflon® Insulation • Black or White Tint FEP Jacket
200°C
89269
NEC:
100
30.5
5.2
2.4
22 AWG
.142
3.61
BC Braid
.200
5.08
93
85%
12.8
42.0
CMP
500
152.4
16.5
7.5
(solid)
94% Shield
CEC:
1000
304.8
33.0 15.0
.025
Coverage
CMP FT6
BCCS
3.4
Ω/M′
41.2
Ω/M′
11.2
Ω/km
135.2
Ω/km
100 ft. put-up available in Black only.
Suitable for Outdoor and Direct Burial applications.
Plenum • Semi-solid FEP Teflon Insulation • Gray Fluorocopolymer Jacket
150°C
87269
NEC:
1000
304.8
34.0 15.4
22 AWG
.142
3.61
BC Braid
.200
5.08
93
85%
12.8
42.0
CMP
(solid)
94% Shield
CEC:
.025
Coverage
CMP FT6
BCCS
3.4
Ω/M′
41.2
Ω/M′
11.2
Ω/km
135.2
Ω/km
Suitable for Outdoor and Direct Burial applications.
Plenum • Semi-solid FEP Teflon Insulation • Natural Flamarrest® Low-smoke Jacket
75°C
82269
NEC:
1000
304.8
30.0 13.6
22 AWG
.142
3.61
BC Braid
.200
5.08
93
85%
12.8
42.0
CMP
(solid)
94% Shield
CEC:
.025
Coverage
CMP FT6
BCCS
3.4
Ω/M′
41.2
Ω/M′
11.2
Ω/km
135.2
Ω/km
Plenum • Foam FEP Teflon Insulation • White Tint FEP Jacket
200°C
86262
NEC:
500
152.4
16.0
7.3
22 AWG
.146
3.71
BC Braid
.204
5.18
93
85%
12.5
41.0
CMP
1000
304.8
32.0 14.5
(solid)
94% Shield
CEC:
.025
Coverage
CMP FT6
BCCS
3.4
Ω/M′
41.2
Ω/M′
11.2
Ω/km
135.2
Ω/km
Suitable for Outdoor and Direct Burial applications.
Plenum • Foam FEP Teflon Insulation • Natural Flamarrest Jacket
75°C
82262
NEC:
U-1000
U-304.8
31.0 14.1
22 AWG
.146
3.71
BC Braid
.204
5.18
93
85%
12.5
41.0
CMP
1000
304.8
30.0 13.6
(solid)
94% Shield
CEC:
.025
Coverage
CMP FT6
BCCS
3.4
Ω/M′
41.2
Ω/M′
11.2
Ω/km
135.2
Ω/km
BC = Bare Copper • BCCS = Bare Copper-covered Steel • DCR = DC Resistance • FEP = Fluorinated Ethylene Propylene
Contact the Belden Customer Service Department for a Comprehensive Connector Cross Reference. 1-800-BELDEN-1.
Computer and Instrumentation Cable
93 Ohm Coax
1
.3
1.0
10
.9
3.0
50
1.9
6.2
100
2.7
8.9
200
3.8
12.5
400
5.3
17.4
700
7.3
23.9
900
8.2
26.9
1000
8.7
28.5
1
.3
1.0
10
.9
3.0
50
1.9
6.2
100
2.7
8.9
200
3.8
12.5
400
5.3
17.4
700
7.3
23.9
900
8.2
26.9
1000
8.7
28.5
1
.3
1.0
10
.9
3.0
50
1.9
6.2
100
2.7
8.9
200
3.8
12.5
400
5.3
17.4
700
7.3
23.9
900
8.2
26.9
1000
8.7
28.5
1
.3
1.8
10
.9
3.0
50
1.9
6.2
100
2.7
8.9
200
3.8
12.5
400
5.3
17.4
700
7.3
23.9
900
8.2
26.9
1000
8.7
28.5
1
.3
1.8
10
.9
3.0
50
1.9
6.2
100
2.7
8.9
200
3.8
12.5
400
5.3
17.4
700
7.3
23.9
900
8.2
26.9
1000
8.7
28.5
Shielding
Materials
Nom. DCR
Nom.
Imp.
(
Ω)
Nominal
Core OD
Nominal OD
Inch
mm
Inch
mm
Conductor
(stranding)
Diameter
Nom. DCR
Standard
Unit Weight
Standard Lengths
Lbs.
kg
Ft.
m
UL NEC/
C(UL) CEC
Type
Part
No.
MHz
dB/
100 Ft.
dB/
100m
Nominal
Attenuation
Nominal
Capacitance
pF/m
pF/Ft.
Nom.
Vel.
of
Prop.
Description
Teflon is a DuPont trademark.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn