Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C104 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6C104
Description  Spread Spectrum Clock Synthesizer for Desktop Pentium II
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C104 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6C104 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 12Page - Pericom Semiconductor Corporation PI6C104 Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
242
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8164B
03/15/99
PI6C104
Spread Spectrum Clock Synthesizer
for Desktop Pentium II
Type 1: 2.5V Clock Buffers
l
o
b
m
y
Ss
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
I
N
I
M
H
O
t
n
e
rr
u
c
p
u
-l
l
u
PV T
U
O
V
0
.
1
=7
2
-
A
m
I
X
A
M
H
O
t
n
e
rr
u
c
p
u
-l
l
u
PV T
U
O
V
5
7
3
.
2
=7
2
-
I
N
I
M
L
O
t
n
e
rr
u
c
n
w
o
d
-l
l
u
PV T
U
O
V
2
.
1
=7
2
I
X
A
M
L
O
t
n
e
rr
u
c
n
w
o
d
-l
l
u
PV T
U
O
V
3
.
0
=0
3
t H
R
e
t
a
r
e
g
d
e
e
si
r
t
u
p
t
u
o
1
e
p
y
T
V
5
.
2V
0
.
2
-
V
4
.
0
@
%
5
±
V
5
.
21
4
s
n
/
V
t H
F
e
t
a
r
e
g
d
e
ll
a
f
t
u
p
t
u
o
1
e
p
y
T
V
5
.
2V
4
.
0
-
V
0
.
2
@
%
5
±
V
5
.
21
4
BufferSpecifications
V D
D
)
V
(
e
g
n
a
R(
e
c
n
a
d
e
p
m
I
W)e
p
y
T
r
e
ff
u
B
5
2
6
.
2
-
5
7
3
.
25
4
-
5
.
3
11
e
p
y
T
5
6
4
.
3
-
5
3
1
.
35
5
-
2
15
e
p
y
T
Type 5: 3.3V Clock Buffers
l
o
b
m
y
Ss
r
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
I
N
I
M
H
O
t
n
e
rr
u
c
p
u
-l
l
u
PV T
U
O
V
0
.
1
=3
3
-
A
m
I
X
A
M
H
O
t
n
e
rr
u
c
p
u
-l
l
u
PV T
U
O
V
5
3
1
.
3
=3
3
-
I
N
I
M
L
O
t
n
e
rr
u
c
n
w
o
d
-l
l
u
PV T
U
O
V
5
9
.
1
=0
3
I
X
A
M
L
O
t
n
e
rr
u
c
n
w
o
d
-l
l
u
PV T
U
O
V
4
.
0
=8
3
t H
R
e
t
a
r
e
g
d
e
e
si
r
t
u
p
t
u
o
5
e
p
y
T
V
3
.
3V
4
.
2
-
V
4
.
0
@
%
5
±
V
3
.
31
4
s
n
/
V
t H
F
e
t
a
r
e
g
d
e
ll
a
f
t
u
p
t
u
o
5
e
p
y
T
V
3
.
3V
4
.
0
-
V
4
.
2
@
%
5
±
V
3
.
31
4


Similar Part No. - PI6C104

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C100 PERICOM-PI6C100 Datasheet
584Kb / 13P
   Precision Clock Synthesizer for Desktop PC’s
PI6C100V PERICOM-PI6C100V Datasheet
584Kb / 13P
   Precision Clock Synthesizer for Desktop PC’s
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
PI6C102H PERICOM-PI6C102H Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
PI6C103 PERICOM-PI6C103 Datasheet
568Kb / 12P
   Precision Clock Synthesizer
More results

Similar Description - PI6C104

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2280 CYPRESS-CY2280 Datasheet
152Kb / 12P
   100-MHz Pentium II Clock Synthesizer/Driver with Spread Spectrum for Mobile or Desktop PCs
logo
Renesas Technology Corp
ICS650-47 RENESAS-ICS650-47 Datasheet
417Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV B 082305
ICS650-41 RENESAS-ICS650-41 Datasheet
436Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV G 102709
ICS650-44 RENESAS-ICS650-44 Datasheet
412Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV E 051310
logo
Integrated Circuit Syst...
ICS650-41 ICST-ICS650-41 Datasheet
174Kb / 11P
   Spread Spectrum Clock Synthesizer
ICS650-47 ICST-ICS650-47 Datasheet
171Kb / 10P
   Spread Spectrum Clock Synthesizer
logo
Renesas Technology Corp
IDT5P50901 RENESAS-IDT5P50901 Datasheet
335Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
REV F 082112
IDT5P50911 RENESAS-IDT5P50911 Datasheet
313Kb / 12P
   SPREAD SPECTRUM CLOCK SYNTHESIZER
070214
logo
Integrated Circuit Syst...
ICS650-44 ICST-ICS650-44 Datasheet
176Kb / 10P
   Spread Spectrum Clock Synthesizer
logo
Pericom Semiconductor C...
PI6C3421A PERICOM-PI6C3421A Datasheet
371Kb / 7P
   27MHz Spread Spectrum Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com