Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX419ALL Datasheet(PDF) 1 Page - Sony Corporation

Part No. ICX419ALL
Description  Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX419ALL Datasheet(HTML) 1 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
– 1 –
E01506B41
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
ICX419ALL
20 pin DIP (Cer-DIP)
Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
Description
The ICX419ALL is an interline CCD solid-state
image sensor suitable for CCIE B/W video cameras
with a diagonal 8mm (Type 1/2) system. Compared
with the current product ICX039DLA, basic
characteristics such as sensitivity, smear, dynamic
range and S/N are improved drastically.
This chip features a field period readout system and
an electronic shutter with variable charge-storage
time. This chip is compatible with the pins of the
ICX039DLA and has the same drive conditions.
Features
• High sensitivity (+5.0dB compared with the ICX039DLA)
• Low smear (–5.0dB compared with the ICX039DLA)
• High D range (+3.0dB compared with the ICX039DLA)
• High S/N
• High resolution and low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Substrate bias:
Adjustment free (external adjustment also possible with 6 to 14V)
• Reset gate pulse:
5Vp-p adjustment free (drive also possible with 0 to 9V)
• Horizontal register: 5V drive
Device Structure
• Interline CCD image sensor
• Optical size:
Diagonal 8mm (Type 1/2)
• Number of effective pixels: 752 (H)
× 582 (V) approx. 440K pixels
• Total number of pixels:
795 (H)
× 596 (V) approx. 470K pixels
• Chip size:
7.40mm (H)
× 5.95mm (V)
• Unit cell size:
8.6µm (H)
× 8.3µm (V)
• Optical black:
Horizontal (H) direction: Front 3 pixels, rear 40 pixels
Vertical (V) direction:
Front 12 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 22
Vertical 1 (even fields only)
• Substrate material:
Silicon
Optical black position
(Top View)
2
12
V
H
Pin 1
Pin 11
40
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn