Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX419ALL Datasheet(PDF) 4 Page - Sony Corporation

Part No. ICX419ALL
Description  Diagonal 8mm (Type 1/2) CCD Image Sensor for CCIR B/W Video Cameras
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX419ALL Datasheet(HTML) 4 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
– 4 –
ICX419ALL
Absolute Maximum Ratings
Item
Substrate clock
φSUB – GND
Supply voltage
Clock input voltage
Voltage difference between vertical clock input pins
Voltage difference between horizontal clock input pins
H
φ1, Hφ2 – Vφ4
φRG – GND
φRG – φSUB
VL
φSUB
Pins other than GND and
φSUB – VL
Storage temperature
Operating temperature
–0.3 to +50
–0.3 to +18
–55 to +10
–15 to +20
to +10
to +15
to +17
–17 to +17
–10 to +15
–55 to +10
–65 to +0.3
–0.3 to +30
–30 to +80
–10 to +60
V
V
V
V
V
V
V
V
V
V
V
V
°C
°C
1
Ratings
Unit
Remarks
1 +27V (Max.) when clock width < 10µs, clock duty factor < 0.1%.
VDD, VRD, VDSUB, VOUT – GND
VDD, VRD, VDSUB, VOUT
φSUB
V
φ1, Vφ2, Vφ3, Vφ4 – GND
V
φ1, Vφ2, Vφ3, Vφ4 – φSUB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn