Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C2308A-1WI Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C2308A-1WI
Description  3.3V Zero-Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2308A-1WI Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6C2308A-1WI Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2308A-1WI Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2308A-1WI Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2308A-1WI Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2308A-1WI Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2308A-1WI Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C2308A-1WI Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C2308A-1WI Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C2308A-1WI Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
PS8385B
08/03/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C2308A
3.3V Zero Delay Buffer
r
e
t
e
m
a
r
a
Pe
m
a
Ns
n
o
it
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
t1
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
s
e
ci
v
e
d
ll
A
,
d
a
o
l
F
p
0
3
0
1
0
0
1
z
H
M
,
d
a
o
l
F
p
0
2,
5
–
,
H
1
–s
e
ci
v
e
d0
4
1
,
d
a
o
l
F
p
5
14
–
,
3
–
,
2
–
,
1
–s
e
ci
v
e
d0
4
1
t2
el
c
y
C
y
t
u
D
)
4
(
t
= 2 t
÷ 1
)
4
–
,
3
–
,
2
–
,
1
–
(
F
,
V
4
.
1
t
a
d
e
r
u
s
a
e
M
T
U
O
d
a
o
l
F
p
-
0
3
z
H
M
6
6
.
6
6
<
0
.
0
4
0
.
0
5
0
.
0
6
%
F
,
V
4
.
1
t
a
d
e
r
u
s
a
e
M
T
U
O
d
a
o
l
F
p
-
5
1
z
H
M
0
0
1
<
F
,
V
4
.
1
t
a
d
e
r
u
s
a
e
M
T
U
O
d
a
o
l
F
p
-
5
1
z
H
M
3
3
1
<0
.
5
3
0
.
5
5
el
c
y
C
y
t
u
D
)
4
(
t
= 2 t
÷ 1
)
5
–
,
H
1
–
(
F
,
V
4
.
1
t
a
d
e
r
u
s
a
e
M
T
U
O
z
H
M
5
4
<
0
.
0
4
F
,
V
4
.
1
t
a
d
e
r
u
s
a
e
M
T
U
O
d
a
o
l
F
p
-
5
1
z
H
M
6
6
.
6
6
<
el
c
y
C
y
t
u
D
)
4
(
t
= 2 t
÷ 1
)
5
–
,
H
1
–
(F
,
V
4
.
1
t
a
d
e
r
u
s
a
e
M
T
U
O
z
H
M
5
4
<0
.
5
4
t3
e
m
i
T
e
si
R
)
4
(
)
4
–
,
3
–
,
2
–
,
1
–
(d
a
o
l
F
p
-
0
3
,
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M
2
.
2
s
n
e
m
i
T
e
si
R
)
4
(
)
4
–
,
3
–
,
2
–
,
1
–
(d
a
o
l
F
p
-
5
1
,
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M
0
5
.
1
e
m
i
T
e
si
R
)
4
(
)
5
–
,
H
1
–
(d
a
o
l
F
p
-
0
3
,
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M
0
5
.
1
t4
e
m
i
T
ll
a
F
)
4
(
)
4
–
,
3
–
,
2
–
,
1
–
(d
a
o
l
F
p
-
0
3
,
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M
0
5
.
2
e
m
i
T
ll
a
F
)
4
(
)
4
–
,
3
–
,
2
–
,
1
–
(d
a
o
l
F
p
-
5
1
,
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M
0
5
.
1
e
m
i
T
ll
a
F
)
4
(
)
5
–
,
H
1
–
(d
a
o
l
F
p
-
0
3
,
V
0
.
2
d
n
a
V
8
.
0
n
e
e
w
t
e
b
d
e
r
u
s
a
e
M
5
2
.
1
t5
e
m
a
s
n
o
w
e
k
S
t
u
p
t
u
O
o
t
t
u
p
t
u
O
)
4
–
,
3
–
,
2
–
,
1
–
(
k
n
a
B
)
4
(
d
e
d
a
o
l
y
ll
a
u
q
e
st
u
p
t
u
o
ll
A
0
0
2
s
p
)
5
–
,
H
1
–
(
w
e
k
S
t
u
p
t
u
O
o
t
t
u
p
t
u
O
B
k
n
a
B
t
u
p
t
u
O
o
t
A
k
n
a
B
t
u
p
t
u
O
)
5
–
,
4
–
,
1
–
(
w
e
k
S
B
k
n
a
B
t
u
p
t
u
O
o
t
A
k
n
a
B
t
u
p
t
u
O
)
3
–
,
2
–
(
w
e
k
S
0
0
4
t6
K
B
F
o
t
e
g
d
E
g
n
i
si
R
F
E
R
,y
al
e
D
e
g
d
E
g
n
i
si
R
)
4
(
V
t
a
d
e
r
u
s
a
e
M
D
D 2
/0
0
5
1
±
t7
w
e
k
S
e
ci
v
e
D
o
t
e
ci
v
e
D
)
4
(
V
t
a
d
e
r
u
s
a
e
M
D
D
s
e
ci
v
e
d
f
o
s
n
i
p
K
B
F
e
h
t
n
o
,z
H
M
2
/0
0
5
t8
e
t
a
R
w
el
S
t
u
p
t
u
O
)
4
(
n
o
V
0
.
2
&
V
8
.
0
x
w
t
d
e
r
u
s
a
e
M
.
2
#
ti
u
c
ri
C
t
s
e
T
g
n
i
s
u
e
ci
v
e
d
5
–
,
H
1
1s
n
/
V
tJ
r
e
tt
i
J
el
c
y
C
o
t
el
c
y
C
)
4
( ,
)
4
–
,
5
–
,
H
1
–
,
1
–
(
d
a
o
L
F
p
0
3
,s
t
u
p
t
u
o
d
e
d
a
o
l
,z
H
M
7
6
.
6
6
t
a
d
e
r
u
s
a
e
M
0
0
2
s
p
r
e
tt
i
J
el
c
y
C
o
t
el
c
y
C
)
4
(
)
3
–
,
2
–
(
,d
a
o
L
F
p
5
1
,s
t
u
p
t
u
o
d
e
d
a
o
l
,z
H
M
7
6
.
6
6
t
a
d
e
r
u
s
a
e
M
0
0
1
r
e
tt
i
J
el
c
y
C
o
t
el
c
y
C
)
4
(
)
3
–
,
2
–
(
,st
u
p
t
u
o
d
e
d
a
o
l
,z
H
M
7
6
.
6
6
t
a
d
e
r
u
s
a
e
M
0
0
4
t
K
C
O
L
e
m
i
T
k
c
o
L
L
L
P
)
4
(
s
n
i
p
K
B
F
d
n
a
F
E
R
n
o
d
e
t
n
e
s
e
r
p
s
k
c
o
l
c
d
il
a
v
,y
l
p
p
u
s
r
e
w
o
p
el
b
a
t
S
0
.
1s
m
SwitchingCharacteristicsforIndustrialTemperatureDevices(5)
Notes:
1. Weak pull-down.
2. Weak pull-down on all outputs.
3. Weak pull-ups on these inputs.
4. REF and FBK inputs have a threshhold voltage of VDD/2.
5. Parameter is guaranteed by design and characterization. Not 100% tested in production.
6. For definition of t1-8, see Switching Waveforms on page 6


Similar Part No. - PI6C2308A-1WI

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2308 PERICOM-PI6C2308 Datasheet
506Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308-1HL PERICOM-PI6C2308-1HL Datasheet
506Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308-1HLI PERICOM-PI6C2308-1HLI Datasheet
506Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308-1HW PERICOM-PI6C2308-1HW Datasheet
506Kb / 10P
   3.3V Zero-Delay Buffer
PI6C2308-1HWI PERICOM-PI6C2308-1HWI Datasheet
506Kb / 10P
   3.3V Zero-Delay Buffer
More results

Similar Description - PI6C2308A-1WI

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
   3.3V Zero Delay Buffer
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
   3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com