Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCU04BQ-Q100 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74HCU04BQ-Q100
Description  Hex unbuffered inverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCU04BQ-Q100 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74HCU04BQ-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCU04BQ-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCU04BQ-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCU04BQ-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCU04BQ-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCU04BQ-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HCU04BQ-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HCU04BQ-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HCU04BQ-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
74HCU04_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 22 October 2015
8 of 16
Nexperia
74HCU04-Q100
Hex unbuffered inverter
13. Application information
Some applications are:
Linear amplifier (see Figure 13)
Crystal oscillator design (see Figure 14)
Astable multivibrator (see Figure 15)
Remark: All values given are typical unless otherwise specified.
Maximum Vo(p-p) =VCC  2.0 V centered at 0.5  VCC.
Gol = open loop gain
Gv = voltage gain
R1
 3k,R2  1M
ZL >10k; Gol =20(typical)
VCC = 6.0 V
Typical unity gain bandwidth product is 5 MHz.
C1 = 47 pF (typical)
C2 = 33 pF (typical)
R1 = 1 M
 to 10 M (typical
R2 optimum value depends on the frequency and
required stability against changes in VCC or average
minimum ICC. ICC is typically 5 mA at VCC = 5 V and
fi =10 MHz.
Fig 13. Used as a linear amplifier
Fig 14. Crystal oscillator configuration
U04
R1
R2
VCC
ZL
mna052
1
µF
mna053
U04
out
R2
R1
C1
C2
G
v
G
ol
1
R1
R2
------- 1G
ol
+

+
---------------------------------------
=
Table 8.
External components for resonator (f < 1 MHz)
All values given are typical and must be used as an initial set-up.
Frequency
R1
R2
C1
C2
10 kHz to 15.9 kHz
22 M
220 k
56 pF
20 pF
16 kHz to 24.9 kHz
22 M
220 k
56 pF
10 pF
25 kHz to 54.9 kHz
22 M
100 k
56 pF
10 pF
55 kHz to 129.9 kHz
22 M
100 k
47 pF
5 pF
130 kHz to 199.9 kHz
22 M
47 k
47 pF
5 pF
200 kHz to 349.9 kHz
10 M
47 k
47 pF
5 pF
350 kHz to 600 kHz
10 M
47 k
47 pF
5 pF


Similar Part No. - 74HCU04BQ-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCU04BQ NEXPERIA-74HCU04BQ Datasheet
258Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 May 2021
More results

Similar Description - 74HCU04BQ-Q100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCU04 ONSEMI-MC74VHCU04_06 Datasheet
149Kb / 6P
   Hex Inverter (Unbuffered)
March, 2006 ??Rev. 4
logo
Nexperia B.V. All right...
HEF4069UB NEXPERIA-HEF4069UB Datasheet
246Kb / 13P
   Hex unbuffered inverter
Rev. 10 - 10 February 2022
74LVCU04A-Q100 NEXPERIA-74LVCU04A-Q100 Datasheet
782Kb / 15P
   Hex unbuffered inverter
74AHCU04 NEXPERIA-74AHCU04 Datasheet
245Kb / 14P
   Hex unbuffered inverter
Rev. 5 - 18 May 2020
logo
ON Semiconductor
MC74HCU04A ONSEMI-MC74HCU04A Datasheet
159Kb / 8P
   Hex Unbuffered Inverter
March, 2000 ??Rev. 2
74HCU04 ONSEMI-74HCU04 Datasheet
133Kb / 9P
   Hex Unbuffered Inverter
March, 2007 ??Rev. 0
MC74HCU04A ONSEMI-MC74HCU04A_14 Datasheet
113Kb / 7P
   Hex Unbuffered Inverter
September, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74LVCU04A NEXPERIA-74LVCU04A Datasheet
262Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 March 2021
logo
Motorola, Inc
MC74HCU04 MOTOROLA-MC74HCU04 Datasheet
147Kb / 5P
   Hex Unbuffered Inverter
MC74HCU04A MOTOROLA-MC74HCU04A Datasheet
134Kb / 7P
   Hex Unbuffered Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com