Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4094DB-Q100 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part No. 74HC4094DB-Q100
Description  8-stage shift-and-store bus register
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4094DB-Q100 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC4094DB-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC4094DB-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4094DB-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4094DB-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4094DB-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4094DB-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4094DB-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4094DB-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4094DB-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Nexperia
74HC4094-Q100; 74HCT4094-Q100
8-stage shift-and-store bus register
4. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HC4094D-Q100
74HCT4094D-Q100
-40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HC4094DB-Q100
74HCT4094DB-Q100
-40 °C to +125 °C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HC4094PW-Q100
-40 °C to +125 °C
TSSOP16 plastic thin shrink small outline package;
16 leads; body width 4.4 mm
SOT403-1
5. Functional diagram
15
2
OE
D
CP
STR
3
1
QP0
QP1
QP2
QP3
QP4
QP5
QP6
QP7
QS1
QS2
9
10
4
5
6
7
14
13
12
11
001aaf111
Fig. 1. Logic symbol
001aaf112
2
4
C1/
1D
EN3
SRG8
C2
5
6
7
14
13
12
11
9
10
3
2D
3
15
1
Fig. 2. IEC Logic symbol
001aaf119
8-STAGE SHIFT
REGISTER
8-BIT STORAGE
REGISTER
3-STATE OUTPUTS
D
2
QS2
10
QS1
QP0
4
5
6
7
14
13
12
11
QP1 QP2 QP3 QP4 QP5 QP6 QP7
9
CP
3
STR
1
OE
15
Fig. 3. Functional diagram
74HC_HCT4094_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
Rev. 2 — 14 November 2018
2 / 19


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn