Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4094DB-Q100 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part No. 74HC4094DB-Q100
Description  8-stage shift-and-store bus register
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4094DB-Q100 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74HC4094DB-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC4094DB-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4094DB-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4094DB-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4094DB-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4094DB-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4094DB-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4094DB-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4094DB-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Nexperia
74HC4094-Q100; 74HCT4094-Q100
8-stage shift-and-store bus register
8. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max Unit
VCC
supply voltage
-0.5
+7
V
IIK
input clamping current
VI < -0.5 V or VI > VCC + 0.5 V
-
±20
mA
IOK
output clamping current
VO < -0.5 V or VO > VCC + 0.5 V
-
±20
mA
IO
output current
VO = -0.5 V to (VCC + 0.5 V)
-
±25
mA
ICC
supply current
-
+50
mA
IGND
ground current
-
-50
mA
Tstg
storage temperature
-65
+150 °C
Ptot
total power dissipation
SO16, SSOP16 and TSSOP16 packages
[1]
-
500
mW
[1] For SO16: Ptot derates linearly with 8 mW/K above 70 °C.
For SSOP16 and TSSOP16 packages: Ptot derates linearly with 5.5 mW/K above 60 °C.
9. Recommended operating conditions
Table 5. Recommended operating conditions
Voltages are referenced to GND (ground = 0 V)
74HC4094-Q100
74HCT4094-Q100
Symbol Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0
-
VCC V
VO
output voltage
0
-
VCC
0
-
VCC V
Tamb
ambient temperature
-40
+25
+125
-40
+25
+125 °C
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
Δt/ΔV
input transition rise and fall rate
VCC = 6.0 V
-
-
83
-
-
-
ns/V
74HC_HCT4094_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
Rev. 2 — 14 November 2018
5 / 19


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn