Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4067D-Q100 Datasheet(PDF) 18 Page - Nexperia B.V. All rights reserved

Part No. 74HCT4067D-Q100
Description  16-channel analog multiplexer/demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT4067D-Q100 Datasheet(HTML) 18 Page - Nexperia B.V. All rights reserved

Back Button 74HCT4067D-Q100 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 22Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4067_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 22 May 2015
18 of 27
Nexperia
74HC4067-Q100; 74HCT4067-Q100
16-channel analog multiplexer/demultiplexer
13. Additional dynamic characteristics
[1]
Adjust input voltage Vis to 0 dBm level (0 dBm = 1 mW into 600 ).
[2]
Adjust input voltage Vis to 0 dBm level at Vos for fi = 1 MHz (0 dBm = 1 mW into 50 ). After set-up, fi is increased to obtain a reading of
3dB at V
os.
Table 13.
Additional dynamic characteristics
Recommended conditions and typical values; GND = 0 V; Tamb = 25 C.
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
THD
total harmonic distortion
RL = 10 k; CL = 50 pF; see Figure 15
fi = 1 kHz
VCC = 4.5 V; Vis(p-p) = 4.0 V
-
0.04
-
%
VCC = 9.0 V; Vis(p-p) = 8.0 V
-
0.02
-
%
fi = 10 kHz
VCC = 4.5 V; Vis(p-p) = 4.0 V
-
0.12
-
%
VCC = 9.0 V; Vis(p-p) = 8.0 V
-
0.06
-
%
iso
isolation (OFF-state)
RL = 600 ; CL = 50 pF; see Figure 16
[1]
VCC = 4.5 V
-
50
-
dB
VCC = 9.0 V
-
50
-
dB
f(-3dB)
3 dB frequency response R
L = 50 ;CL = 10 pF; see Figure 17
[2]
VCC = 4.5 V
-
90
-
MHz
VCC = 9.0 V
-
100
-
MHz
Csw
switch capacitance
independent pins Y
-
5
-
pF
common pin Z
-
45
-
pF
Fig 15. Test circuit for measuring total harmonic distortion


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn