Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4067D-Q100 Datasheet(PDF) 17 Page - Nexperia B.V. All rights reserved

Part No. 74HCT4067D-Q100
Description  16-channel analog multiplexer/demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT4067D-Q100 Datasheet(HTML) 17 Page - Nexperia B.V. All rights reserved

Back Button 74HCT4067D-Q100 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 21Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4067_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 22 May 2015
17 of 27
Nexperia
74HC4067-Q100; 74HCT4067-Q100
16-channel analog multiplexer/demultiplexer
[1]
For 74HCT4067-Q100: maximum input voltage VI = 3.0 V.
Test data is given in Table 12.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 14. Test circuit for measuring switching times
Table 12.
Test data
Test
Input
Output
S1 position
Control E
Address Sn
Switch Yn (Z) tr, tf
Switch Z (Yn)
VI[1]
VI[1]
Vis
CL
RL
tPHL, tPLH
GND
GND or VCC
GND to VCC
6ns
50pF
-
open
tPHZ, tPZH
GND to VCC
GND to VCC
VCC
6ns
50pF, 15pF
1k
GND
tPLZ, tPZL
GND to VCC
GND to VCC
GND
6 ns
50 pF, 15 pF
1 k
VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn