Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4067D-Q100 Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part No. 74HCT4067D-Q100
Description  16-channel analog multiplexer/demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT4067D-Q100 Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74HCT4067D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4067_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 22 May 2015
12 of 27
Nexperia
74HC4067-Q100; 74HCT4067-Q100
16-channel analog multiplexer/demultiplexer
IS(ON)
ON-state leakage current
VCC = 5.5 V; VI = VIH or VIL;
V
SW =VCC  GND; see Figure 11
--
8.0
A
ICC
supply current
VI = VCC or GND; Vis = GND or VCC;
Vos =VCC or GND; VCC = 4.5 V to 5.5 V
-
-
80.0
A
I
CC
additional supply current
per input pin; VI = VCC  2.1 V; other
inputs at VCC or GND; VCC = 4.5 V to 5.5 V
pin E
--
270
A
pin Sn
-
-
225
A
Tamb = 40 C to +125 C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V
II
input leakage current
VI = VCC or GND; VCC = 5.5 V
-
-
1.0
A
IS(OFF)
OFF-state leakage current
VCC = 5.5 V; VI = VIH or VIL;
V
SW =VCC  GND; see Figure 10
per channel
-
-
1.0
A
all channels
-
-
8.0
A
IS(ON)
ON-state leakage current
VCC = 5.5 V; VI = VIH or VIL;
V
SW =VCC  GND; see Figure 11
--
8.0
A
ICC
supply current
VI = VCC or GND; Vis = GND or VCC;
Vos =VCC or GND; VCC = 4.5 V to 5.5 V
--
160
A
I
CC
additional supply current
per input pin; VI = VCC  2.1 V; other
inputs at VCC or GND; VCC = 4.5 V to 5.5 V
pin E
--
294
A
pin Sn
-
-
245
A
Table 8.
Static characteristics 74HCT4067-Q100 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vis = VCC and Vos = GND
Vis = GND and Vos = VCC
Vis = VCC and Vos = open
Vis = GND and Vos = open
Fig 10. Test circuit for measuring OFF-state leakage
current
Fig 11. Test circuit for measuring ON-state leakage
current


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn