Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4067D-Q100 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part No. 74HCT4067D-Q100
Description  16-channel analog multiplexer/demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT4067D-Q100 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HCT4067D-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1.
General description
The 74HC4067-Q100; 74HCT4067-Q100 is a single-pole 16-throw analog switch (SP16T)
suitable for use in analog or digital 16:1 multiplexer/demultiplexer applications. The switch
features four digital select inputs (S0, S1, S2 and S3), sixteen independent inputs/outputs
(Yn), a common input/output (Z) and a digital enable input (E). When E is HIGH, the
switches are turned off. Inputs include clamp diodes. This enables the use of current
limiting resistors to interface inputs to voltages in excess of VCC.
This product has been qualified to the Automotive Electronics Council (AEC) standard
Q100 (Grade 1) and is suitable for use in automotive applications.
2.
Features and benefits
Automotive product qualification in accordance with AEC-Q100 (Grade 1)
Specified from
40 C to +85 C and from 40 C to +125 C
Input levels S0, S1, S2, S3 and E inputs:
For 74HC4067-Q100: CMOS level
For 74HCT4067-Q100: TTL level
Low ON resistance:
80
 (typical) at V
CC = 4.5 V
70
 (typical) at V
CC = 6.0 V
60
 (typical) at V
CC = 9.0 V
Specified in compliance with JEDEC standard no. 7A
ESD protection:
MIL-STD-883, method 3015 exceeds 2000 V
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V
CDM JESD22-C101E exceeds 1000 V
Multiple package options
Typical ‘break before make’ built-in
3.
Applications
Analog multiplexing and demultiplexing
Digital multiplexing and demultiplexing
Signal gating
74HC4067-Q100; 74HCT4067-Q100
16-channel analog multiplexer/demultiplexer
Rev. 1 — 22 May 2015
Product data sheet


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn