Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4067D-Q100 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part No. 74HCT4067D-Q100
Description  16-channel analog multiplexer/demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT4067D-Q100 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HCT4067D-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4067_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 22 May 2015
7 of 27
Nexperia
74HC4067-Q100; 74HCT4067-Q100
16-channel analog multiplexer/demultiplexer
[1]
To avoid drawing VCC current out of terminal Z, when switch current flows in terminals Yn, the voltage drop across the bidirectional
switch must not exceed 0.4 V. If the switch current flows into terminal Z, no VCC current will flow out of terminals Yn. In this case there is
no limit for the voltage drop across the switch, but the voltages at Yn and Z may not exceed VCC or GND.
[2]
For SO24 package: Ptot derates linearly with 8 mW/K above 70 C.
[3]
For TSSOP24 package: Ptot derates linearly with 5.5 mW/K above 60 C.
[4]
For DHVQFN24 package: Ptot derates linearly with 4.5 mW/K above 60 C.
9.
Recommended operating conditions
Ptot
total power dissipation
Tamb = 40 C to +125 C
SO24 package
[2]
-
500
mW
SSOP24 package
[3]
-
500
mW
TSSOP24 package
[3]
-
500
mW
DHVQFN24 package
[4]
-
500
mW
P
power dissipation
per switch
-
100
mW
Table 4.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
74HC4067-Q100
VCC
supply voltage
2.0
5.0
10.0
V
VI
input voltage
GND
-
VCC
V
VSW
switch voltage
GND
-
VCC
V
t/V
input transition rise and fall rate
VCC = 2.0 V
-
-
625
ns
VCC = 4.5 V
-
1.67
139
ns
VCC =6.0 V
-
-
83
ns
VCC = 10.0 V
-
-
31
ns
Tamb
ambient temperature
40
+25
+125
C
74HCT4067-Q100
VCC
supply voltage
4.5
5.0
5.5
V
VI
input voltage
GND
-
VCC
V
VSW
switch voltage
GND
-
VCC
V
t/V
input transition rise and fall rate
VCC = 4.5 V
-
1.67
139
ns
Tamb
ambient temperature
40
+25
+125
C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn