Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HCT4067D-Q100 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part No. 74HCT4067D-Q100
Description  16-channel analog multiplexer/demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT4067D-Q100 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74HCT4067D-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT4067D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4067_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 22 May 2015
5 of 27
Nexperia
74HC4067-Q100; 74HCT4067-Q100
16-channel analog multiplexer/demultiplexer
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to VCC.
Fig 6.
Pin configuration for SO24 and TSSOP24
Fig 7.
Pin configuration for DHVQFN24
Table 2.
Pin description
Symbol
Pin
Description
Z
1
common input or output
Y7, Y6, Y5, Y4, Y3, Y2, Y1, Y0, Y15,
Y14, Y13, Y12, Y11, Y10, Y9, Y8
2, 3, 4, 5, 6, 7, 8, 9, 16, 17, 18, 19, 20, 21, 22, 23
independent input or output
S0, S1, S3, S2
10, 11, 13, 14
address input 0
GND
12
ground (0 V)
E
15
enable input (active LOW)
VCC
24
supply voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn