Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4052-Q100 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part No. 74HC4052-Q100
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo 

74HC4052-Q100 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4052_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 22 November 2012
13 of 26
Nexperia
74HC4052-Q100; 74HCT4052-Q100
Dual 4-channel analog multiplexer/demultiplexer
[1]
All typical values are measured at Tamb =25 C.
[2]
tpd is the same as tPHL and tPLH.
[3]
ton is the same as tPZH and tPZL.
[4]
toff is the same as tPHZ and tPLZ.
[5]
CPD is used to determine the dynamic power dissipation (PD in W).
PD = CPD  VCC2  fi  N + {(CL +Csw)  VCC2  fo} where:
fi = input frequency in MHz;
fo = output frequency in MHz;
N = number of inputs switching;
{(C
L +Csw)  VCC
2
 f
o} = sum of outputs;
CL = output load capacitance in pF;
Csw = switch capacitance in pF;
VCC = supply voltage in V.
toff
turn-off time
E, Sn to Vos; RL =1 k; see Figure 14
[4]
VCC = 2.0 V; VEE =0 V
-
-
375
ns
VCC = 4.5 V; VEE =0 V
-
-
75
ns
VCC = 6.0 V; VEE =0 V
-
-
64
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
57
ns
Table 9.
Dynamic characteristics for 74HC4052-Q100 …continued
GND = 0 V; tr =tf =6ns; CL = 50 pF; for test circuit see Figure 15.
Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 10.
Dynamic characteristics for 74HCT4052-Q100
GND = 0 V; tr =tf =6ns; CL = 50 pF; for test circuit see Figure 15.
Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 40 Cto+85 C[1]
tpd
propagation delay Vis to Vos; RL = ; see Figure 13
[2]
VCC = 4.5 V; VEE =0 V
-
5
15
ns
VCC = 4.5 V; VEE = 4.5 V
-
4
10
ns
ton
turn-on time
E, Sn to Vos; RL =1 k; see Figure 14
[3]
VCC = 4.5 V; VEE = 0 V
-
41
88
ns
VCC = 5.0 V; VEE =0 V; CL = 15 pF
-
18
-
ns
VCC = 4.5 V; VEE = 4.5 V
-
28
60
ns
toff
turn-off time
E, Sn to Vos; RL =1 k; see Figure 14
[4]
VCC = 4.5 V; VEE = 0 V
-
26
63
ns
VCC = 5.0 V; VEE =0 V; CL = 15 pF
-
13
-
ns
VCC = 4.5 V; VEE = 4.5 V
-
21
48
ns
CPD
power dissipation
capacitance
per switch; VI = GND to VCC  1.5 V
[5] -57
-
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn