Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4052-Q100 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part No. 74HC4052-Q100
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo 

74HC4052-Q100 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

 
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1.
General description
The 74HC4052-Q100; 74HCT4052-Q100 is a high-speed Si-gate CMOS device and is pin
compatible with Low-power Schottky TTL (LSTTL). The device is specified in compliance
with JEDEC standard no. 7A.
The 74HC4052-Q100; 74HCT4052-Q100 is a dual 4-channel analog
multiplexer/demultiplexer with common select logic. Each multiplexer has four
independent inputs/outputs (pins nY0 to nY3) and a common input/output (pin nZ). The
common channel select logics include two digital select inputs (pins S0 and S1) and an
active LOW enable input (pin E). When pin E = LOW, one of the four switches is selected
(low-impedance ON-state) with pins S0 and S1. When pin E = HIGH, all switches are in
the high-impedance OFF-state, independent of pins S0 and S1.
VCC and GND are the supply voltage pins for the digital control inputs (pins S0, S1 and E).
The VCC to GND ranges are 2.0 V to 10.0 V for the 74HC4052-Q100, and 4.5 V to 5.5 V
for the 74HCT4052-Q100. The analog inputs/outputs (pins nY0 to nY3 and nZ) can swing
between VCC as a positive limit and VEE as a negative limit. VCC  VEE may not exceed
10.0 V. For operation as a digital multiplexer/demultiplexer, VEE is connected to GND
(typically ground).
This product has been qualified to the Automotive Electronics Council (AEC) standard
Q100 (Grade 1) and is suitable for use in automotive applications.
2.
Features and benefits
Automotive product qualification in accordance with AEC-Q100 (Grade 1)
Specified from
40 C to +85 C and from 40 C to +125 C
Wide analog input voltage range from
5 V to +5 V
Low ON resistance:
80
 (typical) at V
CC  VEE =4.5 V
70
 (typical) at V
CC  VEE =6.0 V
60
 (typical) at V
CC  VEE =9.0 V
Logic level translation: to enable 5 V logic to communicate with
5 V analog signals
Typical ‘break before make’ built-in
ESD protection:
MIL-STD-883, method 3015 exceeds 2000 V
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0
)
CDM AEC-Q100-011 revision B exceeds 1000 V
Multiple package options
74HC4052-Q100; 74HCT4052-Q100
Dual 4-channel analog multiplexer/demultiplexer
Rev. 2 — 22 November 2012
Product data sheet


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn