Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC4052-Q100 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part No. 74HC4052-Q100
Description  Dual 4-channel analog multiplexer/demultiplexer
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo 

74HC4052-Q100 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

 
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4052_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 22 November 2012
4 of 26
Nexperia
74HC4052-Q100; 74HCT4052-Q100
Dual 4-channel analog multiplexer/demultiplexer
6.
Pinning information
6.1 Pinning
6.2 Pin description
(1) This is not a supply pin. The substrate is attached to this
pad using conductive die attach material. There is no
electrical or mechanical requirement to solder this pad.
However, if it is soldered, the solder land should remain
floating or be connected to VCC.
Fig 5.
Pin configuration for SO16 and TSSOP16
Fig 6.
Pin configuration for DHVQFN16
74HC4052-Q100
74HCT4052-Q100
2Y0
VCC
2Y2
1Y2
2Z
1Y1
2Y3
1Z
2Y1
1Y0
E
1Y3
VEE
S0
GND
S1
aaa-003162
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
aaa-003163
74HC4052-Q100
74HCT4052-Q100
VEE
VCC(1)
S0
E
1Y3
2Y1
1Y0
2Y3
1Z
2Z
1Y1
2Y2
1Y2
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
2Y0, 2Y1, 2Y2, 2Y3
1, 5, 2, 4
independent input or output
1Z, 2Z
13, 3
common input or output
E
6
enable input (active LOW)
VEE
7
negative supply voltage
GND
8
ground (0 V)
S0, S1
10, 9
select logic input
1Y0, 1Y1, 1Y2, 1Y3
12, 14, 15, 11
independent input or output
VCC
16
positive supply voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn