Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC574D-Q100 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part No. 74HC574D-Q100
Description  Octal D-type flip-flop; positive edge-trigger; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC574D-Q100 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC574D-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC574D-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC574D-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC574D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC574D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC574D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC574D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC574D-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC574D-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT574_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 26 January 2015
7 of 17
Nexperia
74HC574-Q100; 74HCT574-Q100
Octal D-type flip-flop; positive edge-trigger; 3-state
10. Dynamic characteristics
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 10.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
74HC574-Q100
tpd
propagation
delay
CP to Qn; see Figure 7
[1]
VCC = 2.0 V
-
47
150
-
190
-
225
ns
VCC = 4.5 V
-
17
30
-
35
-
45
ns
VCC =5V; CL =15pF
-
14
-
-
-
-
-
ns
VCC = 6.0 V
-
14
26
-
33
-
38
ns
ten
enable time
OE to Qn; see Figure 9
[2]
VCC = 2.0 V
-
44
140
-
175
-
210
ns
VCC = 4.5 V
-
16
28
-
35
-
42
ns
VCC = 6.0 V
-
13
24
-
30
-
36
ns
tdis
disable time
OE to Qn; see Figure 9
[3]
VCC = 2.0 V
-
39
125
-
155
-
190
ns
VCC = 4.5 V
-
14
25
-
31
-
38
ns
VCC = 6.0 V
-
11
21
-
26
-
32
ns
tt
transition
time
Qn; see Figure 7
[4]
VCC = 2.0 V
-
14
60
-
75
-
90
ns
VCC = 4.5 V
-
5
12
-
15
-
18
ns
VCC = 6.0 V
-
4
10
-
13
-
15
ns
tW
pulse width
CP HIGH or LOW;
see Figure 8
VCC = 2.0 V
80
14
-
100
-
120
-
ns
VCC = 4.5 V
16
5
-
20
-
24
-
ns
VCC = 6.0 V
14
4
-
17
-
20
-
ns
tsu
set-up time
Dn to CP; see Figure 8
VCC = 2.0 V
60
6
-
75
-
90
-
ns
VCC = 4.5 V
12
2
-
15
-
18
-
ns
VCC = 6.0 V
10
2
-
13
-
15
-
ns
th
hold time
Dn to CP; see Figure 8
VCC = 2.0 V
5
0
-
5
-
5
-
ns
VCC = 4.5 V
5
0
-
5
-
5
-
ns
VCC = 6.0 V
5
0
-
5
-
5
-
ns
fmax
maximum
frequency
CP; see Figure 7
VCC = 2.0 V
6.0
37
-
4.8
-
4.0
-
MHz
VCC = 4.5 V
30
112
-
24
-
20
-
MHz
VCC =5V; CL = 15 pF
-
123
-
-
-
-
-
MHz
VCC = 6.0 V
35
133
-
28
-
24
-
MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn