Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC574-Q100 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part No. 74HC574-Q100
Description  Octal D-type flip-flop; positive edge-trigger; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC574-Q100 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC574-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC574-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC574-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC574-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC574-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC574-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC574-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC574-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC574-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT574_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 26 January 2015
2 of 17
Nexperia
74HC574-Q100; 74HCT574-Q100
Octal D-type flip-flop; positive edge-trigger; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range Name
Description
Version
74HC574D-Q100
40 Cto +125 C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74HCT574D-Q100
74HC574PW-Q100
40 Cto +125 C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74HCT574PW-Q100
Fig 1.
Functional diagram
Fig 2.
Logic diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn