Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC174D-Q100 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HC174D-Q100
Description  Hex D-type flip-flop with reset; positive-edge trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC174D-Q100 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC174D-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC174D-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC174D-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC174D-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC174D-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC174D-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC174D-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC174D-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC174D-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT174_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 17 April 2013
7 of 16
Nexperia
74HC174-Q100; 74HCT174-Q100
Hex D-type flip-flop with reset; positive-edge trigger
tPHL
HIGH to LOW
propagation
delay
MR to Qn; see Figure 7
VCC = 2.0 V
-
44
150
-
190
-
225
ns
VCC = 4.5 V
-
16
30
-
38
-
45
ns
VCC = 5.0 V; CL = 15 pF
-
13
-
---
-
ns
VCC = 6.0 V
-
13
26
-
33
-
38
ns
tt
transition time
Qn output; see Figure 6
[2]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
-
16
-
19
ns
tW
pulse width
CP input HIGH or LOW;
see Figure 6
VCC = 2.0 V
80
17
-
100
-
120
-
ns
VCC = 4.5 V
16
6
-
20
-
24
-
ns
VCC = 6.0 V
14
5
-
17
-
20
-
ns
MR input LOW;
see Figure 7
VCC = 2.0 V
80
12
-
100
-
120
-
ns
VCC = 4.5 V
16
4
-
20
-
24
-
ns
VCC = 6.0 V
14
3
-
17
-
20
-
ns
trec
recovery time
MR to CP; see Figure 7
VCC = 2.0 V
+5
11
-
+5
-
+5
-
ns
VCC = 4.5 V
+5
4-
+5
-
+5
-
ns
VCC = 6.0 V
+5
3-
+5
-
+5
-
ns
tsu
set-up time
Dn to CP; see Figure 6
VCC = 2.0 V
60
6
-
75
-
90
-
ns
VCC = 4.5 V
12
2
-
15
-
18
-
ns
VCC = 6.0 V
10
2
-
13
-
15
-
ns
th
hold time
Dn to CP; see Figure 6
VCC = 2.0 V
+3
6-
+3
-
+3
-
ns
VCC = 4.5 V
+3
2-
+3
-
+3
-
ns
VCC = 6.0 V
+3
2-
+3
-
+3
-
ns
fmax
maximum
frequency
CP input; see Figure 6
VCC = 2.0 V
6
30
-
5
-
4
-
MHz
VCC = 4.5 V
30
90
-
24
-
20
-
MHz
VCC = 6.0 V
35
107
-
28
-
24
-
MHz
VCC = 5.0 V; CL = 15 pF
-
99
-
---
-
MHz
CPD
power
dissipation
capacitance
per package;
VI =GND to VCC
[3]
-
17
-
---
-
pF
Table 7.
Dynamic characteristics …continued
GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit, see Figure 8
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min Typ
Max
Min
Max
Min
Max


Similar Part No. - 74HC174D-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC174D-Q100 NEXPERIA-74HC174D-Q100 Datasheet
252Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 26 February 2021
More results

Similar Description - 74HC174D-Q100

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74LV174 INTEGRAL-IN74LV174 Datasheet
50Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
NXP Semiconductors
74HC174 PHILIPS-74HC174 Datasheet
101Kb / 13P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
74LV174 PHILIPS-74LV174 Datasheet
121Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
1998 May 20
logo
Nexperia B.V. All right...
74HCT174-Q100 NEXPERIA-74HCT174-Q100 Datasheet
252Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 26 February 2021
74HCT174 NEXPERIA-74HCT174 Datasheet
255Kb / 14P
   Hex D-type flip-flop with reset; positive-edge trigger
Rev. 6 - 1 September 2021
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
   Quad D-type flip-flop with reset; positive-edge trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com