Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TDA7443D Datasheet(PDF) 3 Page - STMicroelectronics

Part No. TDA7443D
Description  TONE CONTROL AND SURROUND DIGITALLY CONTROLLED AUDIO PROCESSOR WITH AGC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7443D Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7443D Datasheet HTML 1Page - STMicroelectronics TDA7443D Datasheet HTML 2Page - STMicroelectronics TDA7443D Datasheet HTML 3Page - STMicroelectronics TDA7443D Datasheet HTML 4Page - STMicroelectronics TDA7443D Datasheet HTML 5Page - STMicroelectronics TDA7443D Datasheet HTML 6Page - STMicroelectronics TDA7443D Datasheet HTML 7Page - STMicroelectronics TDA7443D Datasheet HTML 8Page - STMicroelectronics TDA7443D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
TDA7443D
ABSOLUTE MAXIMUM RATINGS
THERMAL DATA
QUICK REFERENCE DATA
Symbol
Parameter
Value
Unit
Vs
Operating Supply Voltage
10.5
V
Tamb
Operating Ambient Temperature
-10 to 85
°C
Tstg
Storage Temperature Range
-55 to 150
°C
Symbol
Parameter
Value
Unit
Rth j-pin
Thermal Resistance Junction-pins
85
°C/W
Symbol
Parameter
Min.
Typ.
Max.
Unit
VS
Supply Voltage
5
9
10
V
VCL
Max. input signal handling
2
Vrms
THD
Total Harmonic Distortion V=1Vrms f=1kHz
0.01
0.1
%
S/N
Signal to Noise Ratio V
OUT=1Vrms(mode=OFF)
100
dB
SC
Channel Separation f=1kHz
90
dB
Input Gain (2dB step)
0
14
dB
AGC Gain (1dB step)
0
7
dB
Volume Control (1dB step)
-63
0
dB
Treble Control (2dB step)
-14
+14
dB
Bass Control (2dB step)
-14
+14
dB
Balance Control (1dB step)
-63
0
dB
Mute Attenuation
90
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn