Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1257WV-7P-T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # F1257WV-7P-T
Description  1.25mm pitch FFC/FPC connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

F1257WV-7P-T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  F1257WV-7P-T Datasheet HTML 1Page - List of Unclassifed Manufacturers F1257WV-7P-T Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TEL:886-2-8648-0379
FAX:886-2-8647-8373 E-MAIL:info@hr-connector.com.tw
337
F1257 SERIES
1.25mm pitch FFC/FPC connector
HRJ
CF
F
Reference Informations:
*Material: Pin: Phosphor Bronze/Tin-plated
Housing: PBT,UL94V-0
Actuator: PBT,UL94V-0
. #%98
1.25mm pitch FFC/FPC 180o Connector, ZIF
PART NO.
PART NO.
Dimensions
C
B
A
Dimensions
B
A
C
Unit:mm
F1257WV-18P
F1257WV-19P
F1257WV-20P
F1257WV-21P
F1257WV-22P
F1257WV-23P
F1257WV-24P
F1257WV-25P
F1257WV-26P
F1257WV-27P
F1257WV-28P
F1257WV-29P
F1257WV-30P
F1257WV-31P
F1257WV-32P
Ordering Information & Dimensions:
F1257WV-3P
F1257WV-4P
F1257WV-5P
F1257WV-6P
F1257WV-7P
F1257WV-8P
F1257WV-9P
F1257WV-10P
F1257WV-11P
F1257WV-12P
F1257WV-13P
F1257WV-14P
F1257WV-15P
F1257WV-16P
F1257WV-17P
28.95
30.20
31.45
32.70
33.95
35.20
36.45
37.70
38.95
40.20
41.45
42.70
43.95
45.20
46.45
21.25
22.50
23.75
25.00
26.25
27.50
28.75
30.00
31.25
32.50
33.75
35.00
36.25
37.50
38.75
23.95
25.20
26.45
27.70
28.95
30.20
31.45
32.70
33.95
35.20
36.45
37.70
38.95
40.20
41.45
10.20
11.45
12.70
13.95
15.20
16.45
17.70
18.95
20.20
21.45
22.70
23.95
25.20
26.45
27.70
2.50
3.75
5.00
6.25
7.50
8.75
10.00
11.25
12.50
13.75
15.00
16.25
17.50
18.75
20.00
5.20
6.45
7.70
8.95
10.20
11.45
12.70
13.95
15.20
16.45
17.70
18.95
20.20
21.45
22.70
Reference Informations:
*Material: Pin: Phosphor Bronze/Tin-plated
Housing: PBT,UL94V-0
Actuator: PBT,UL94V-0
. #%94 1.25mm pitch FFC/FPC 90o Connector, ZIF, Top Contact Style
PART NO.
PART NO.
Dimensions
C
B
A
Dimensions
B
A
C
Unit:mm
F1257WR-18P-T
F1257WR-19P-T
F1257WR-20P-T
F1257WR-21P-T
F1257WR-22P-T
F1257WR-23P-T
F1257WR-24P-T
F1257WR-25P-T
F1257WR-26P-T
F1257WR-27P-T
F1257WR-28P-T
F1257WR-29P-T
F1257WR-30P-T
F1257WR-31P-T
F1257WR-32P-T
Ordering Information & Dimensions:
F1257WR-3P-T
F1257WR-4P-T
F1257WR-5P-T
F1257WR-6P-T
F1257WR-7P-T
F1257WR-8P-T
F1257WR-9P-T
F1257WR-10P-T
F1257WR-11P-T
F1257WR-12P-T
F1257WR-13P-T
F1257WR-14P-T
F1257WR-15P-T
F1257WR-16P-T
F1257WR-17P-T
28.95
30.20
31.45
32.70
33.95
35.20
36.45
37.70
38.95
40.20
41.45
42.70
43.95
45.20
46.45
21.25
22.50
23.75
25.00
26.25
27.50
28.75
30.00
31.25
32.50
33.75
35.00
36.25
37.50
38.75
23.95
25.20
26.45
27.70
28.95
30.20
31.45
32.70
33.95
35.20
36.45
37.70
38.95
40.20
41.45
10.20
11.45
12.70
13.95
15.20
16.45
17.70
18.95
20.20
21.45
22.70
23.95
25.20
26.45
27.70
2.50
3.75
5.00
6.25
7.50
8.75
10.00
11.25
12.50
13.75
15.00
16.25
17.50
18.75
20.00
5.20
6.45
7.70
8.95
10.20
11.45
12.70
13.95
15.20
16.45
17.70
18.95
20.20
21.45
22.70
SUGGESTED PCB LAYOUT
(COMPONENT SIDE)
SUGGESTED PCB LAYOUT
(COMPONENT SIDE)
(BOTTOM VIEW)


Similar Part No. - F1257WV-7P-T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
F125 TI-F125 Datasheet
354Kb / 11P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE
logo
Kemet Corporation
F125PP102G050V KEMET-F125PP102G050V Datasheet
456Kb / 15P
   Surface Mount Metallized PPS Film Capacitor
F125PP102G100V KEMET-F125PP102G100V Datasheet
456Kb / 15P
   Surface Mount Metallized PPS Film Capacitor
F125PP102G250V KEMET-F125PP102G250V Datasheet
456Kb / 15P
   Surface Mount Metallized PPS Film Capacitor
F125PP102G400V KEMET-F125PP102G400V Datasheet
456Kb / 15P
   Surface Mount Metallized PPS Film Capacitor
More results

Similar Description - F1257WV-7P-T

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH3-4S-1.25DS HIROSE-FH3-4S-1.25DS Datasheet
85Kb / 4P
   1.25mm Pitch FPC/FFC Connector
logo
Molex Electronics Ltd.
0039532294 MOLEX3-0039532294 Datasheet
165Kb / 4P
   1.25mm (.049") Pitch FFC/FPC Connector
logo
Newhaven Display Intern...
MOLEX52808-0470 NEWHAVEN-MOLEX52808-0470 Datasheet
183Kb / 9P
   PITCH FPC / FFC CONNECTOR series
logo
Molex Electronics Ltd.
54548-2070 MOLEX11-54548-2070 Datasheet
41Kb / 3P
   0.50mm Pitch FFC/FPC Connector
logo
List of Unclassifed Man...
FH21-8S-1DSA ETC2-FH21-8S-1DSA Datasheet
140Kb / 4P
   1mm Pitch FPC/FFC Connector
logo
Hirose Electric
FH21-5S-1DS HIROSE-FH21-5S-1DS Datasheet
104Kb / 4P
   1mm Pitch FPC/FFC Connector
logo
Molex Electronics Ltd.
0495972017 MOLEX6-0495972017 Datasheet
282Kb / 4P
   1.25mm (.049") FPC/FFC Backfilp Housing, 20 Circuits, Natural
0495972007 MOLEX6-0495972007 Datasheet
282Kb / 4P
   1.25mm (.049") FPC/FFC Backfilp Housing, 20 Circuits, Black
0039532165 MOLEX3-0039532165 Datasheet
157Kb / 4P
   1.25mm (.049") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF, 16 Circuits, Lead-free
0039532235 MOLEX3-0039532235 Datasheet
157Kb / 4P
   1.25mm (.049") Pitch FFC/FPC Connector, Through-Hole, Vertical, ZIF, 23 Circuits, Lead-free
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com