Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC139PW-Q100 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part No. 74HC139PW-Q100
Description  Dual 2-to-4 line decoder/demultiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo 

74HC139PW-Q100 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT139_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 19 June 2014
8 of 18
Nexperia
74HC139-Q100; 74HCT139-Q100
Dual 2-to-4 line decoder/demultiplexer
10. Dynamic characteristics
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 8.
Symbol Parameter
Conditions
Tamb
Unit
25
C
40 C to +85 C 40 C to +125 C
Min
Typ
Max
Min
Max
Min
Max
74HC139-Q100
tpd
propagation
delay
nAn to nYn; see Figure 6
[1]
VCC = 2.0 V
-
39
145
-
180
-
220
ns
VCC = 4.5 V
-
14
29
-
36
-
44
ns
VCC = 5.0 V; CL =15pF
-
11
-
-
-
-
-
ns
VCC = 6.0 V
-
11
25
-
31
-
38
ns
nE to nYn; see Figure 7
[1]
VCC = 2.0 V
-
33
135
-
170
-
205
ns
VCC = 4.5 V
-
12
27
-
34
-
41
ns
VCC = 5.0 V; CL =15pF
-
10
-
-
-
-
-
ns
VCC = 6.0 V
-
10
23
-
29
-
35
ns
tt
transition
time
nYn; see Figure 6 and
Figure 7
[2]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
-
16
-
19
ns
CPD
power
dissipation
capacitance
CL = 50 pF; f = 1 MHz;
VI =GND to VCC
[3]
-42
-
-
-
-
-
pF
74HCT139-Q100
tpd
propagation
delay
nAn to nYn; see Figure 6
[1]
VCC = 4.5 V
-
16
34
-
43
-
51
ns
VCC = 5.0 V; CL =15pF
-
13
-
-
-
-
-
ns
nE to nYn; see Figure 7
[1]
VCC = 4.5 V
-
16
34
-
43
-
51
ns
VCC = 5.0 V; CL =15pF
-
13
-
-
-
-
-
ns
tt
transition
time
nYn; see Figure 6 and
Figure 7
[2]
VCC = 4.5 V
-
7
15
-
19
-
22
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn