Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC139PW-Q100 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part No. 74HC139PW-Q100
Description  Dual 2-to-4 line decoder/demultiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo 

74HC139PW-Q100 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

 
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT139_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 19 June 2014
4 of 18
Nexperia
74HC139-Q100; 74HCT139-Q100
Dual 2-to-4 line decoder/demultiplexer
5.
Pinning information
5.1 Pinning
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
Fig 5.
Pin configuration SO16, SSOP16 and TSSOP16
Table 2.
Pin description
Symbol
Pin
Description
1E, 2E
1, 15
enable input (active LOW)
1A0, 1A1
2, 3
address input
1Y0, 1Y1, 1Y2, 1Y3
4, 5, 6, 7
output (active LOW)
GND
8
ground (0 V)
2Y0, 2Y1, 2Y2, 2Y3
12, 11, 10, 9
output (active LOW)
2A0, 2A1
14, 13
address input
VCC
16
positive supply voltage
Table 3.
Function table[1]
Control
Input
Output
nE
nA1
nA0
nY3
nY2
nY1
nY0
H
X
X
HHHH
L
L
L
HHHL
L
L
H
HHL
H
LH
L
H
L
H
H
L
HHL
H
H
H


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn