Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC139-Q100 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part No. 74HC139-Q100
Description  Dual 2-to-4 line decoder/demultiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC139-Q100 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC139-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT139_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 19 June 2014
2 of 18
Nexperia
74HC139-Q100; 74HCT139-Q100
Dual 2-to-4 line decoder/demultiplexer
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC139D-Q100
40 Cto+125 C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74 HCT139D-Q100
74HC139DB-Q100
40 Cto+125 C
SSOP16
plastic shrink small outline package; 16 leads;
body width 5.3 mm
SOT338-1
74HCT139DB-Q100
74HC139PW-Q100
40 Cto+125 C
TSSOP16
plastic thin shrink small outline package;
16 leads; body width 4.4 mm
SOT403-1
74HCT139PW-Q100
Fig 1.
Logic symbol
Fig 2.
Functional diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn