Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC139-Q100 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part No. 74HC139-Q100
Description  Dual 2-to-4 line decoder/demultiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEXPERIA [Nexperia B.V. All rights reserved]
Homepage  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC139-Q100 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC139-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The 74HC139-Q100; 74HCT139-Q100 decodes two binary weighted address inputs
(nA0, nA1) to four mutually exclusive outputs (nY0 to nY3). Each decoder features an
enable input (nE). When nE is HIGH all outputs are forced HIGH. The enable input can be
used as the data input for a 1-to-4 demultiplexer application. Inputs include clamp diodes
that enable the use of current limiting resistors to interface inputs to voltages in excess of
VCC.
This product has been qualified to the Automotive Electronics Council (AEC) standard
Q100 (Grade 1) and is suitable for use in automotive applications.
2.
Features and benefits
Automotive product qualification in accordance with AEC-Q100 (Grade 1)
Specified from
40 C to +85 C and from 40 C to +125 C
Input levels:
For 74HC139-Q100: CMOS level
For 74HCT139-Q100: TTL level
Demultiplexing capability
2 independent 2-to-4 decoders
Multifunction capability
Suitable for memory decoding, data routing or code conversion
Complies with JEDEC standard no. 7A
Active LOW mutually exclusive outputs
ESD protection:
MIL-STD-883, method 3015 exceeds 2000 V
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0
)
Multiple package options
74HC139-Q100; 74HCT139-Q100
Dual 2-to-4 line decoder/demultiplexer
Rev. 1 — 19 June 2014
Product data sheet


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn