Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC139-Q100 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part No. 74HC139-Q100
Description  Dual 2-to-4 line decoder/demultiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC139-Q100 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74HC139-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC139-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT139_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 1 — 19 June 2014
5 of 18
Nexperia
74HC139-Q100; 74HCT139-Q100
Dual 2-to-4 line decoder/demultiplexer
7.
Limiting values
[1]
For SO16 package: Ptot derates linearly with 8 mW/K above 70 C.
[2]
For SSOP16 and TSSOP16 packages: Ptot derates linearly with 5.5 mW/K above 60 C.
8.
Recommended operating conditions
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
-
20
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC +0.5 V
-
20
mA
IO
output current
VO = 0.5 V to (VCC +0.5 V)
-
25
mA
ICC
supply current
-
50
mA
IGND
ground current
50
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
SO16 package
[1] -
500
mW
SSOP16 package
[2] -
500
mW
TSSOP16 package
[2] -
500
mW
Table 5.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V)
Symbol Parameter
Conditions
74HC139-Q100
74HCT139-Q100
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
-
VCC
0-
VCC
V
VO
output voltage
0
-
VCC
0-
VCC
V
Tamb
ambient temperature
40
+25
+125
40
+25
+125
C
t/V
input transition rise and fall rate
VCC = 2.0 V
-
-
625
-
-
-
ns/V
VCC = 4.5 V
-
1.67
139
-
1.67
139
ns/V
VCC = 6.0 V
--83
-
--ns/V


Similar Part No. - 74HC139-Q100

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
Silicon Supplies
Silicon Supplies
74HC139 SS-74HC139 Datasheet
641Kb / 6P
   High Speed CMOS Logic
74HC139 SS-74HC139 Datasheet
696Kb / 6P
   High Speed CMOS Logic
NXP Semiconductors
NXP Semiconductors
74HC139D PHILIPS-74HC139D Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74HC139DB PHILIPS-74HC139DB Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
More results

Similar Description - 74HC139-Q100

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
NXP Semiconductors
NXP Semiconductors
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74AHC_AHCT139 PHILIPS-74AHC_AHCT139_15 Datasheet
91Kb / 14P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 02-9 May 2008
74LVC139 PHILIPS-74LVC139_15 Datasheet
174Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
Rev. 5-19 October 2011
Texas Instruments
Texas Instruments
74ACT11139 TI-74ACT11139 Datasheet
93Kb / 6P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74AHC139-Q100 NEXPERIA-74AHC139-Q100 Datasheet
696Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
Texas Instruments
Texas Instruments
74AC11239 TI-74AC11239 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74ALS155 TI-SN74ALS155 Datasheet
42Kb / 4P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
SN74LVC139A TI-SN74LVC139A_07 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL 2-LINE TO 4-LINE DECODER/DEMULTIPLEXER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz