Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC2798 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RC2798
Description  Integrated QAM IF Downconverter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC2798 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RC2798 Datasheet HTML 1Page - Fairchild Semiconductor RC2798 Datasheet HTML 2Page - Fairchild Semiconductor RC2798 Datasheet HTML 3Page - Fairchild Semiconductor RC2798 Datasheet HTML 4Page - Fairchild Semiconductor RC2798 Datasheet HTML 5Page - Fairchild Semiconductor RC2798 Datasheet HTML 6Page - Fairchild Semiconductor RC2798 Datasheet HTML 7Page - Fairchild Semiconductor RC2798 Datasheet HTML 8Page - Fairchild Semiconductor RC2798 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PRODUCT SPECIFICATION
RC2798
3
Electrical Characteristics (TA = 25°C )
Standard Characteristics (VCC = 5V, TA = 25°C)
Parameter
Test conditions
Min.
Typ.
Max.
Unit
AGC Amplifier, Oscillator, and Mixer Blocks (Vcc = 5V)
Icc1
Supply current 1
no input signal
17.0
23.0
31.0
mA
fRF
RF input frequency range
30
250
MHz
fOSC
OSC frequency range
30
250
MHz
fIF
IF output frequency range
DC
150
MHz
CGMAX
Maximum conversion gain
VAGC = 4.0V
25
dB
CGMIN
Minimum conversion gain
VAGC = 1.0V
-7
dB
GCR
AGC dynamic range
VAGC = 1.0 to 4.0V
24
32
40
dB
NF
Noise figure
SSB, VAGC = 4.0V
At maximum gain
9dB
VAGC H
AGC voltage high level
At maximum gain
4.0
V
VAGC L
AGC voltage low level
At minimum gain
1.0
V
Video Amplifier Block (Vcc = 5V)
Icc2
Supply current 2
No input signal
7.0
12.5
17.0
mA
VOUT
Output voltage
RL = 1K
W, differential
3.0
Vp-p
G1
Differential gain 1
G1A-G1B pins: short,
VOUT = 3Vp-p
150
200
250
V/V
G2
Differential gain 2
G1A-G1B pins: open,
VOUT = 3Vp-p
22.0
26.0
30.0
V/V
Video Amplifier Block (Vcc = 9V)
Icc2
Supply current 2
no input signal
18.0
24.0
32.0
mA
VOUT
Output voltage
RL = 1K
W, differential
3.0
Vp-p
G1
Differential gain 1
G1A-G1B pins: short,
RL = 2K
W
300
385
470
V/V
G2
Differential gain 2
G1A-G1B pins: open,
RL = 2K
W
25.0
28.5
32.0
V/V
Video Amplifier Block (Vcc = 5V or 9V)
BWG1
Bandwidth 1
G1
50
MHz
BWG2
Bandwidth 2
G2
50
MHz
Rin1
Input resistance 1
G1
3.5
K
W
Rin2
Input resistance 2
G2
7.5
K
W
Cin
Input capacitance
1.6
pF
Parameter
Test conditions
Min.
Typ.
Max.
Unit
AGC Amplifier Block (Vcc = 5V)
AGC IIP3
AGC input intercept point
At minimum gain
(AGC amplifier + mixer)
-9
dBm
Video Amplifier Block (Vcc = 5V or 9V)
CMRR
Common mode rejection ratio
80
dB
PSRR
Power supply rejection ratio
70
dB
tr
Rise time
2.6
nS
tPD
Propagation delay time
4.4
nS


Similar Part No. - RC2798

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
RC27000030-DE OMRON-RC27000030-DE Datasheet
2Mb / 20P
   Born to drive machines
More results

Similar Description - RC2798

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC2798GR CEL-UPC2798GR Datasheet
236Kb / 15P
   250 MHz QAM IF DOWNCONVERTER
logo
NXP Semiconductors
MRFIC1505A NXP-MRFIC1505A Datasheet
272Kb / 8P
   MRFIC1505A Integrated GPS Downconverter 1.575 GHz GPS DOWNCONVERTER
Rev. 1, 01/2005
logo
RF Micro Devices
RFAM3790 RFMD-RFAM3790 Datasheet
309Kb / 7P
   45-1218MHZ GAAS EDGE QAM INTEGRATED AMPLIFIER
logo
STMicroelectronics
STI7197 STMICROELECTRONICS-STI7197 Datasheet
97Kb / 4P
   Advanced STB decoder with integrated QAM demodulator
logo
Freescale Semiconductor...
MRFIC1505 FREESCALE-MRFIC1505 Datasheet
135Kb / 8P
   MRFIC1505/MRFIC1505A Integrated GPS Downconverter
logo
Zarlink Semiconductor I...
ZL10100 ZARLINK-ZL10100 Datasheet
414Kb / 19P
   Single Chip Synthesized Downconverter with IF Amplifier
logo
Burr-Brown (TI)
AFE8201 BURR-BROWN-AFE8201 Datasheet
220Kb / 20P
   IF Analog-to-Digital Converter with Digital Downconverter
logo
NXP Semiconductors
TDA8260TW PHILIPS-TDA8260TW Datasheet
143Kb / 23P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
   Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
logo
ATMEL Corporation
AT76C651B ATMEL-AT76C651B Datasheet
82Kb / 7P
   Digital Reception/ Transmission IC Integrated DVB compliant QAM Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com